Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-813 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-813
Description  LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 ATX Server Board with 8 DDR4 DIMM, 5 PCIe x16 Slot, 6 USB 3.0, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-813 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-813 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-813 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ASMB-813
Ordering Information
Part Number
Chipset
Memory
GbE LAN
IPMI
VGA Chip
ASMB-813-00A1E
C612
8 x DDR4 RDIMM
2
-
AST 1400
ASMB-813I-00A1E
C612
8 x DDR4 RDIMM
2
Yes
AST 2400
ASMB-813I-00A1E
Intel® LGA
2011-R3 Xeon®
E5-2600 v3/v4
Series Processor
(CPU0)
DDR4 Memory DIMM A0
PCIe x16 Slot (x8 link)-2
PCIe x16 Slot (x8 link)-3
DDR4 Memory DIMM A1
Intel C612 PCH
Channel A
PCIe Gen3 x8
PCI x1 Slot (x1 link)-1
PCIe Gen2 x1
5 x FAN Conn.
LPC Conn.
Realtek 8201EL
RJ45
2 x RS-232 Port
PS/2 KB/MS
8 bit GPIO Header
DRAM
SPI Flash
VGA Conn.
Intel
I210
RJ45
PCIe Gen2 x1
Intel
I210
BMC
AST2400
Super I/O
NCT6776D
RJ45
PCIe Gen2 x1
PCIe Gen2 x1
PCIe x16 Slot (x8 or x16 link)-4
PCIe Gen3 x16
Switch
PCIe x16 Slot (x8 link)-5
PCIe x16 Slot (x8 or x16 link)-6
PCIe Gen3 x16
Switch
DDR4 Memory DIMM B0
DDR4 Memory DIMM B1
Channel B
DDR4 Memory DIMM C0
DDR4 Memory DIMM C1
Channel C
DDR4 Memory DIMM D0
DDR4 Memory DIMM D1
Channel D
PCIe x8 Slot (x4 link)-7
PCIe Gen2 x4
4 x SATAIII
SATA
4 x SATAIII
sSATA
HD Audio
SPI BIOS
6 x USB3.0
(4 x rear, 2 x onboard)
USB3.0
1 x USB2.0 Type-A
4 x USB2.0
(2 x rear, 2 x onboard)
USB2.0
Packing List
Part Number
Description
Quantity
2061813I01
Driver CD
x 1
2001813I10
Startup manual
x 1
1700003194
SATA data cables
x 2
1700022749-11
SATA power cables
x 2
1700019748
CPU power cable(8P)
x 2
1960048321T020
I/O shield
x 1
I/O View
Optional Accessories
Part Number
Description
ASMB-RF3X8-21A1E 2U Riser Card (2 x PCI-X + 1 x PCIe x8)
PCA-AUDIO-HDA1E
HD Audio-card
PCA-TPM-00B1E
TPM 2.0 Module by LPC
1960065593N001
LGA-2011 CPU heatsink narrow type for 1U chassis
(TDP up to 130W)
1960063011N001
LGA-2011 CPU cooler narrow type for 2U/4U chassis
(TDP up to 130W)
1700002204
Dual port USB cable (27 cm) with bracket
1700008461
Four port USB cable (30.5 cm) with bracket
1701090401
COM port cable with bracket
1700020277-01
Dual port USB 3.0 cable (30 cm) with bracket
19Z0000811N000
1U chassis IO shield
968EMLSAP2
SUSIAccess Pro 3.0
ASMB-813-00A1E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com