Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-813 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-813
Description  LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 ATX Server Board with 8 DDR4 DIMM, 5 PCIe x16 Slot, 6 USB 3.0, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-813 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-813 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-813 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Server Motherboards
Features
ƒ ATX Server Board with Intel® Xeon® E5-2600 v3/v4 processor
ƒ Eight DDR4 2400 MHz RDIMM up to 256 GB and support DDR4 NVDIMM
ƒ Seven PCIe expansion slots: five PCIe x8 (or two x16 and one x8), one PCIe
x4 and one PCIe x1
ƒ 0 ~ 60 °C ambient operation temperature range
LGA 2011-R3 Intel® Xeon® E5-2600 v3/v4
ATX Server Board with 8 DDR4 DIMM,
5 PCIe x16 Slot, 6 USB 3.0, IPMI
Specifications
Form Factor
ATX form factor
Processor System
Socket
Intel LGA 2011-R3
CPU type
Intel® Xeon® E5-2600 v3/v4 Series (CPU cooler should be purchased separately and TDP up to 160W)
Intel® Xeon® E5-1600 v3/v4 Series
Intel® Core™ i7 6850K/6900K/6950X
Core Logic
Chipset
Intel C612 chipset
Memory
Total slots
8 (Quad Channel)
Capacity
Maximum 256 GB ECC RDIMM
Memory type
DDR4 ECC-REG 2400/2133/1866/1600 MHz DIMM and NVDIMM (working with Xeon E5)
DDR4 ECC/Non-ECC 2400/2133/1866/1600 MHz UDIMM (working with Core i7 only)
Memory size
4 GB, 8 GB, 16 GB, 32 GB
Expansion Slots
Total PCI/PCI-X/PCIe slots
7
Slot location 1
PCIe x1 slot (Gen2 x1 link), signal from PCH
Slot location 2
PCIe x16 slot (Gen3 x8 link)
Slot location 3
PCIe x16 slot (Gen3 x8 link)
Slot location 4
PCIe x16 slot (Gen3 x16 link or x8 link when Slot 3 is occupied)
Slot location 5
PCIe x16 slot (Gen3 x8 link)
Slot location 6
PCIe x16 slot (Gen3 x16 link or x8 link when Slot 5 is occupied)
Slot location 7
PCIe x8 slot (Gen2 x4 link), signal from PCH
Graphics
VGA
Aspeed AST2400/1400 64 MB
Storage
IDE controller
-
SATA controller
Intel C612: 8 SATA3 6 Gb/s ports Intel Rapid Storage Technology (for Windows only)
(SATA0-SATA3 and sSATA0-sSATA3 support software RAID 0, 1, 10 & 5)
SAS controller
-
Networking
GbE LAN
2 x Intel I210AT
Onboard I/O Connectors
LPC connector
1
PSU connector
24-pin SSI power connector + 8-pin SSI 12 V power connector + 8-pin SSI 12 V power connector
USB connector
2 (supports 2 x USB3.0 ports and 2 x USB2.0 ports) + 1 x Type-A
Fan header
5 x 4-pin
SMBus
1
Chassis intruder
1
Front LAN LED
2
Audio Header
1
Serial port header
1
Rear I/O Connectors
External serial port
1
External USB port
6 (4 x USB3.0 + 2 x USB2.0)
VGA port
1
RJ-45
3 (1 port dedicated for IPMI function)
PS/2 KB/mouse
1
Management Solution
Software
-
Out of band remote management
Yes (ASMB-813I SKU only)
Monitoring
CPU temperature
Yes
System Monitoring
Yes
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirement
Power On
3.3V
5V
12V
5Vsb
-12V
1.53A
0.92A
12.21A
0.04A
0.04A
Environment
Operating
Non-operating
Temperature
0 ~ 60 °C, depends on CPU speed and cooler solution
-40 ~ 85 °C
Humidity
10% ~ 95%
10% ~ 95% (Non condensing)
Physical Characteristics
Dimension (L x H)
304.8 x 244 mm (12" x 9.6")
ASMB-813
LAN3_BMC_USB23
PCIe x8_SLOT3
LAN2_USB45
VGA1_COM1
KBMS1
DDR4 2133 MHz
Max 512GB
PCIe x4_SLOT7
CPU0
Intel LGA-2011
E5-2600 v3
LAN1_USB0_1
PCIe x16_SLOT4
USB10
SATA0-3
SATA0-3
PCIe x8_SLOT2
PCIe x1_SLOT1
USB6_7
PCIex8_SLOT5
USB8_9
C612 PCH PCIex16_SLOT6
All product specifications are subject to change without notice.
Last updated: 15-Dec-2017


Similar Part No. - ASMB-813

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-813-00A1E ADVANTECH-ASMB-813-00A1E Datasheet
852Kb / 2P
LGA 2011-R3 Intel Xeon짰 E5-2600 v3 ATX Server Board with 8 DDR4 DIMM, 5 PCIe x16 Slot (Gen 3.0), 6 USB 3.0, IPMI
ASMB-813I ADVANTECH-ASMB-813I Datasheet
4Mb / 100P
LGA 2011-R3 Intel Xeon짰 E5-2600v3 ATX Server Board
ASMB-813I-00A1E ADVANTECH-ASMB-813I-00A1E Datasheet
1Mb / 2P
4U GPU Server System With Xeon E5-2600 v3 CPU, support up to 2* Tesla K40 GPU cards and 1400W RPS
ASMB-813I-00A1E ADVANTECH-ASMB-813I-00A1E Datasheet
852Kb / 2P
LGA 2011-R3 Intel Xeon짰 E5-2600 v3 ATX Server Board with 8 DDR4 DIMM, 5 PCIe x16 Slot (Gen 3.0), 6 USB 3.0, IPMI
More results

Similar Description - ASMB-813

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-923-00A1E ADVANTECH-ASMB-923-00A1E Datasheet
620Kb / 2P
Dual LGA 2011-R3 Intel Xeon짰 E5-2600v3 EATX Server Board with DDR4, 4 PCIe x16 2 PCIe x8(Gen 3.0), 4 USB 3.0
SYS-4U4000-4S03 ADVANTECH-SYS-4U4000-4S03_15 Datasheet
736Kb / 2P
4U LGA 2011 Xeon짰 E5 Server with 6 x DDR3, 5 x PCIe x16 slot (Gen 3.0), IPMI
ASMB-813-00A1E ADVANTECH-ASMB-813-00A1E Datasheet
852Kb / 2P
LGA 2011-R3 Intel Xeon짰 E5-2600 v3 ATX Server Board with 8 DDR4 DIMM, 5 PCIe x16 Slot (Gen 3.0), 6 USB 3.0, IPMI
ASMB-822-00A2E ADVANTECH-ASMB-822-00A2E Datasheet
573Kb / 2P
Intel짰 LGA2011 Xeon짰 E5 ATX Server Board with 6 x DDR3, 5 x PCIe x16 slot (Gen 3.0), USB 3.0, IPMI
ASMB-823-00A1E ADVANTECH-ASMB-823-00A1E Datasheet
600Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3 ATX Server Board with DDR4, 4 PCIe x16, 6 USB 3.0, SATA3, Dual LAN, IPMI 2.0
ASMB-913-00A1E ADVANTECH-ASMB-913-00A1E Datasheet
755Kb / 2P
Dual LGA 2011-R3 Intel Xeon짰 E5-2600 v3 EATX Server Board with 16 x DDR4 DIMM,3 PCIe x16, 6 USB 3.0, PME support
ASMB-813I ADVANTECH-ASMB-813I Datasheet
4Mb / 100P
LGA 2011-R3 Intel Xeon짰 E5-2600v3 ATX Server Board
ASMB-823 ADVANTECH-ASMB-823_V01 Datasheet
703Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/ v4 ATX Server Board with 6 DDR4, 4 PCIe x16, 6 USB 3.0, SATA3, Dual LAN, IPMI
ASMB-913 ADVANTECH-ASMB-913_V01 Datasheet
707Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 16 DDR4 DIMM, 3 PCIe x16, 6 USB 3.0, PME support, IPMI
25-Jan-2018
ASMB-923 ADVANTECH-ASMB-923_V01 Datasheet
722Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 8 DDR4, 4 PCIe x16 2 PCIe x8, 4 USB 3.0, IPMI
25-Jan-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com