Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-913 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-913
Description  Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 16 DDR4 DIMM, 3 PCIe x16, 6 USB 3.0, PME support, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-913 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-913 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-913 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ASMB-913
ASMB-913I-00A1E
Ordering Information
Part Number
Chipset
Memory
GbE LAN
IPMI
VGA Chip
ASMB-913-00A1E
C612
16 x DDR4 RDIMM
2
-
AST 1400
ASMB-913I-00A1E
C612
16 x DDR4 RDIMM
4
Yes
AST 2400
Packing List
Part Number
Description
Quantity
2061913I01
Driver CD
x 1
2001913I10
Startup manual
x 1
1700003194
SATA data cables
x 2
1703150102
SATA power cables
x 2
1700019748
CPU power cable(8P)
x 2
19Z0000995T000
I/O shield
x 1
I/O View
Optional Accessories
Part Number
Description
ASMB-FF3P8-12A1E PME card with 1 PCIe x8 slot and 1 PCIe x4 slot and
1 PCI slot
ASMB-FF3PX-12A1E PME card with 2 PCI-X and 1 PCI slots
ASMB-FF20F-02A1E PME card with 2 PCIe x16 slots
ASMB-FF208-02A1E PME card with 2 PCIe x 8 slots
PCA-AUDIO-HDA1E
HD Audio-card
PCA-TPM-00B1E
TPM 2.0 Module by LPC
1960057226N001
LGA-2011 CPU heatsink for 1U chassis (95W)
1960055362N001
LGA-2011 square CPU cooler for 2U/4U chassis (145W)
1960065684N011
LGA-2011 square CPU cooler for 4U chassis (160W)
1700019127
FAN connector extended cable 1*4P-2.54/1*4P-2.54 35cm
1700028025-01
Dual port USB cable (45 cm) with bracket
1700028042-01
Four port USB cable (45 cm) with bracket
1700028024-01
Dual port USB 3.0 cable (45 cm) with bracket
1700019268-11
PS/2 cable (35 cm)
1701090401
COM port cable with bracket
19Z0001086N000
1U chassis IO shield
968EMLSAP2
SUSIAccess Pro 3.0
ASMB-913-00A1E
Intel LGA 2011-R3
Xeon E5-2600
v3/v4 Series
Processors
(CPU1)
Intel C612 PCH
ECC DDR4 1333/1600/1867/2133/2400
ECC DDR4 1333/1600/1867/2133/2400
ECC DDR4 1333/1600/1867/2133/2400
ECC DDR4 1333/1600/1867/2133/2400
ECC DDR4 1333/1600/1867/2133/2400
ECC DDR4 1333/1600/1867/2133/2400
ECC DDR4 1333/1600/1867/2133/2400
ECC DDR4 1333/1600/1867/2133/2400
Channel E
Channel F
Channel G
Channel H
QPI PORT0 : 9.6GT/s
QPI PORT1 : 9.6GT/s
PCIe x16 Slot
PCIe Gen3 x16
Slot 4
PCIe x16 Slot
PCIe Gen3 x16
Slot 5
PCIe Gen3 x16
PCIe Gen3 x16
PCIe Gen2 x1
MDI
PCIe x16 Slot
Slot 6
PCIe x16 Slot
PME
Intel I210AT
LPC Conn.
5 x FAN Conn.
PCIe Gen2 x1
MDI
Intel I210AT
PCIe Gen2 x1
MDI
Intel I210AT
PCIe Gen2 x1
MDI
Intel I210AT
USB 2.0
PCIe Gen2 x1
BMC
AST2400
Super I/O
Nuvoton
NCT6776D
SPI
BIOS
PS/2 KB, MS
2 x RS-232 Header/Conn.
8 bit GPIO Pin Header
SPI
SPI Flash
32MB
DDR3
DRAM
RJ45
RJ45
RJ45
RJ45
RGB
VGA Conn.
Channel A
Channel B
Channel C
Channel D
SATA3
6 Gb/s
6 x SATA3
(RAID 0,1,5,10)
USB 3.0
6 x USB3.0
(4 on board / 2 Rear)
HD Audio
HD Conn.
128M-bit
sSATA
6 Gb/s
2 x SATA3
USB 2.0
3 x USB2.0
(1 type A)
(2 on board)
LPC BUS
CPU Power
VR12.5
CPLD
HW Monitor
W83782G
Intel LGA 2011-R3
Xeon E5-2600
v3/v4 Series
Processors
(CPU0)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com