Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMB-913 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-913
Description  Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 16 DDR4 DIMM, 3 PCIe x16, 6 USB 3.0, PME support, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-913 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-913 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-913 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Server Motherboards
Features
ƒ EATX Server Board with dual Xeon® E5-2600 v3/v4 processor
ƒ 16 x DDR4 2400 MHz RDIMM up to 512 GB
ƒ Three PCIe x16 slot(Gen3.0) and PME expansion slot
ƒ PME expansion cards supporting list is in page 9-32
ƒ 0 ~ 40 °C ambient operation temperature range
Note: ASMB-913I could enable PME slot when processor is installed in CPU0
socket.
Dual LGA 2011-R3 Intel® Xeon® E5-2600
v3/v4 EATX Server Board with 16 DDR4
DIMM, 3 PCIe x16, 6 USB 3.0,
PME support, IPMI
Specifications
Form Factor
Extended ATX form factor
Processor System
Socket
Intel LGA 2011-R3
CPU type
Intel® Xeon® E5-2600 v3/v4 dual processor (CPU cooler should be purchased separately and TDP up to 160W)
Intel® Xeon® E5-1600 v3/v4 Series (1S conditional support, please contact to Advantech application engineer)
Core Logic
Chipset
Intel C612 chipset
Memory
Total slots
16 (Quad Channel)
Capacity
Maximum 512 GB ECC RDIMM
Memory type
DDR4 ECC-REG 2400/2133/1866/1600 MHz DIMM
Memory size
4 GB, 8 GB, 16 GB, 32 GB
Expansion Slots
Total PCI/PCI-X/PCIe slots
6
Slot location 1
Fit to PME daughter board
Slot location 2
Fit to PME daughter board
Slot location 3
Fit to PME daughter board
Slot location 4
1 x PCIe x16 slot (x16 link), signal from CPU1
Slot location 5
1 x PCIe x16 slot (x16 link), signal from CPU1
Slot location 6
1 x PCIe x16 slot (x16 link), signal from CPU0
Slot location 7
-
Graphics
VGA
Aspeed AST2400/1400 64 MB
Storage
IDE controller
-
SATA controller
Intel C612: 8 SATA3 6 Gb/s ports Intel Rapid Storage Technology (for Windows only)
(SATA0-SATA5 and sSATA0-sSATA1 Supports software RAID 0, 1, 10 & 5)
SAS controller
-
Networking
GbE LAN
4 x Intel I210AT
Onboard I/O Connectors
Floppy connector
-
PSU connector
24-pin SSI power connector + 8-pin SSI 12 V power connector + 8-pin SSI 12 V power connector
USB connector
2 (supports 4 USB port), 1* Type-A , 2* USB3.0 20pin header (supports 4*USB 3.0 port)
Fan header
5 x 4-pin
SMBus
1
Chassis intruder
1
Front LAN LED
2
Audio Header
1
Serial port header
1
Rear I/O Connectors
External serial port
1
External USB port
2 (USB3.0)
VGA port
1
RJ-45
4 (one sharing IPMI function)
PS/2 KB/mouse
-
Infiniband
-
Management Solution
Software
-
Out of band remote management
Yes (ASMB-913I sku only)
Monitoring
CPU temperature
Yes
System Monitoring
Yes
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirement
Power On
3.3V
5V
12V
5Vsb
-12V
1.4A
0.5A
23.2A
0.09A
0.05A
Environment
Operating
Non-operating
Temperature
0 ~ 40 °C, depends on CPU speed and cooler solution
-40 ~ 85 °C
Humidity
10% ~ 95%
10% ~ 95% (Non condensing)
Physical Characteristics
Dimension (L x H)
304.8 x 330.2 mm (12" x 13")
ASMB-913
LAN2_BMC LAN3_LAN4
LAN3_LAN4
DDR4 2133 MHz
Max 512GB
Intel C612 PCH
LAN1_USB0_1
CPU1
Intel LGA-2100
E5-2600 v3
CPU0
Intel LGA-2100
E5-2600 v3
PCIex16_SLOT4
PME module slot
PCIex16_SLOT5
PCIex16_SLOT6
PME expansion card
All product specifications are subject to change without notice.
Last updated: 25-Jan-2018


Similar Part No. - ASMB-913

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-913-00A1E ADVANTECH-ASMB-913-00A1E Datasheet
755Kb / 2P
Dual LGA 2011-R3 Intel Xeon짰 E5-2600 v3 EATX Server Board with 16 x DDR4 DIMM,3 PCIe x16, 6 USB 3.0, PME support
ASMB-913I-00A1E ADVANTECH-ASMB-913I-00A1E Datasheet
755Kb / 2P
Dual LGA 2011-R3 Intel Xeon짰 E5-2600 v3 EATX Server Board with 16 x DDR4 DIMM,3 PCIe x16, 6 USB 3.0, PME support
More results

Similar Description - ASMB-913

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-920IR ADVANTECH-ASMB-920IR Datasheet
531Kb / 2P
Dual LGA 2011 Intel짰 Xeon짰 E5 EATX Server Board with DDR3, 2 PCIe x16 (Gen 3.0), PME Expansion Module, SAS RAID
ASMB-922-00A1E ADVANTECH-ASMB-922-00A1E Datasheet
595Kb / 2P
Dual Intel짰 Xeon짰 E5-2600 / 2600 v2 EATX Server Board with DDR3, 3 PCIe x16 1 PCIe x8, PME support
ASMB-923-00A1E ADVANTECH-ASMB-923-00A1E Datasheet
620Kb / 2P
Dual LGA 2011-R3 Intel Xeon짰 E5-2600v3 EATX Server Board with DDR4, 4 PCIe x16 2 PCIe x8(Gen 3.0), 4 USB 3.0
SYS-4U7442-4S01 ADVANTECH-SYS-4U7442-4S01_14 Datasheet
1Mb / 2P
Dual LGA 2011 Intel짰 Xeon짰 E5-2600 4U Systems with 3 x PCIe x16, 1 x PCIe x8, PME Support
ASMB-813-00A1E ADVANTECH-ASMB-813-00A1E Datasheet
852Kb / 2P
LGA 2011-R3 Intel Xeon짰 E5-2600 v3 ATX Server Board with 8 DDR4 DIMM, 5 PCIe x16 Slot (Gen 3.0), 6 USB 3.0, IPMI
ASMB-823-00A1E ADVANTECH-ASMB-823-00A1E Datasheet
600Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3 ATX Server Board with DDR4, 4 PCIe x16, 6 USB 3.0, SATA3, Dual LAN, IPMI 2.0
ASMB-913-00A1E ADVANTECH-ASMB-913-00A1E Datasheet
755Kb / 2P
Dual LGA 2011-R3 Intel Xeon짰 E5-2600 v3 EATX Server Board with 16 x DDR4 DIMM,3 PCIe x16, 6 USB 3.0, PME support
ASMB-813 ADVANTECH-ASMB-813_V01 Datasheet
808Kb / 2P
LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 ATX Server Board with 8 DDR4 DIMM, 5 PCIe x16 Slot, 6 USB 3.0, IPMI
ASMB-823 ADVANTECH-ASMB-823_V01 Datasheet
703Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/ v4 ATX Server Board with 6 DDR4, 4 PCIe x16, 6 USB 3.0, SATA3, Dual LAN, IPMI
ASMB-923 ADVANTECH-ASMB-923_V01 Datasheet
722Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 8 DDR4, 4 PCIe x16 2 PCIe x8, 4 USB 3.0, IPMI
25-Jan-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com