Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM511666C Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM511666C
Description  65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM511666C Datasheet(HTML) 4 Page - OKI electronic componets

  MSM511666C Datasheet HTML 1Page - OKI electronic componets MSM511666C Datasheet HTML 2Page - OKI electronic componets MSM511666C Datasheet HTML 3Page - OKI electronic componets MSM511666C Datasheet HTML 4Page - OKI electronic componets MSM511666C Datasheet HTML 5Page - OKI electronic componets MSM511666C Datasheet HTML 6Page - OKI electronic componets MSM511666C Datasheet HTML 7Page - OKI electronic componets MSM511666C Datasheet HTML 8Page - OKI electronic componets MSM511666C Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
¡ Semiconductor
MSM511666C/CL
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Recommended Operating Conditions
Capacitance
*: Ta = 25
°C
Voltage on Any Pin Relative to VSS
Short Circuit Output Current
Power Dissipation
Operating Temperature
Storage Temperature
VT
Symbol
IOS
PD*
Topr
Tstg
–1.0 to 7.0
50
1
0 to 70
–55 to 150
Rating
mA
W
°C
°C
Parameter
V
Unit
Power Supply Voltage
Input High Voltage
Input Low Voltage
VCC
Symbol
VSS
VIH
VIL
5.0
0
—
—
Typ.
Parameter
4.5
0
2.4
–1.0
Min.
5.5
0
6.5
0.8
Max.
(Ta = 0°C to 70°C)
V
Unit
V
V
V
Input Capacitance (A0 - A7)
Input Capacitance
Output Capacitance (DQ1 - DQ16)
CIN1
Symbol
CIN2
CI/O
7
7
7
Max.
pF
Unit
pF
pF
Parameter
(VCC = 5 V ±10%, Ta = 25°C, f = 1 MHz)
—
—
—
Typ.
(RAS, CAS, UWE, LWE, OE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com