Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM511666C Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM511666C
Description  65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM511666C Datasheet(HTML) 1 Page - OKI electronic componets

  MSM511666C Datasheet HTML 1Page - OKI electronic componets MSM511666C Datasheet HTML 2Page - OKI electronic componets MSM511666C Datasheet HTML 3Page - OKI electronic componets MSM511666C Datasheet HTML 4Page - OKI electronic componets MSM511666C Datasheet HTML 5Page - OKI electronic componets MSM511666C Datasheet HTML 6Page - OKI electronic componets MSM511666C Datasheet HTML 7Page - OKI electronic componets MSM511666C Datasheet HTML 8Page - OKI electronic componets MSM511666C Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
¡ Semiconductor
MSM511666C/CL
DESCRIPTION
The MSM511666C/CL is a 65,536-word ¥ 16-bit dynamic RAM fabricated in Oki's silicon-gate CMOS
technology. The MSM511666C/CL achieves high integration, high-speed operation, and low-power
consumption because Oki manufactures the device in a quadruple-layer polysilicon/single-layer
metal CMOS process. The MSM511666C/CL is available in a 40-pin plastic SOJ or 44/40-pin plastic
TSOP. The MSM511666CL (the low-power version) is specially designed for lower-power applications.
FEATURES
• 65,536-word ¥ 16-bit configuration
• Single 5 V power supply,
±10% tolerance
• Input
: TTL compatible, low input capacitance
• Output : TTL compatible, 3-state
• Refresh : 256 cycles/4 ms, 256 cycles/32 ms (L-version)
• Byte write and fast page mode with EDO, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• Package options:
40-pin 400 mil plastic SOJ
(SOJ40-P-400-1.27)
(Product : MSM511666C/CL-xxJS)
44/40-pin 400 mil plastic TSOP
(TSOPII44/40-P-400-0.80-K) (Product : MSM511666C/CL-xxTS-K)
xx indicates speed rank.
PRODUCT FAMILY
¡ Semiconductor
MSM511666C/CL
65,536-Word
¥ 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
MSM511666C/CL-70
70 ns
120 ns
110 ns
495 mW
550 mW
Family
Access Time (Max.)
Cycle Time
(Min.)
Standby (Max.)
Power Dissipation
MSM511666C/CL-60
tRAC
60 ns
35 ns
tAA
30 ns
20 ns
tCAC
20 ns
20 ns
tOEA
20 ns
Operating (Max.)
5.5 mW/
1.1 mW (L-version)
E2G0015-17-41
This version: Jan. 1998
Previous version: May 1997


Similar Part No. - MSM511666C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM511664C OKI-MSM511664C Datasheet
240Kb / 16P
65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE (BYTE WRITE)
MSM511664C-60TS-K OKI-MSM511664C-60TS-K Datasheet
240Kb / 16P
65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE (BYTE WRITE)
MSM511664C-70JS OKI-MSM511664C-70JS Datasheet
240Kb / 16P
65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE (BYTE WRITE)
MSM511664C-80JS OKI-MSM511664C-80JS Datasheet
240Kb / 16P
65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE (BYTE WRITE)
MSM511664C-XXJS OKI-MSM511664C-XXJS Datasheet
240Kb / 16P
65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE (BYTE WRITE)
More results

Similar Description - MSM511666C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MD51V65165 OKI-MD51V65165 Datasheet
343Kb / 16P
4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165B OKI-MSM5118165B Datasheet
255Kb / 16P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165D OKI-MSM5118165D Datasheet
285Kb / 18P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165A OKI-MSM51V18165A Datasheet
1Mb / 15P
1,048,576-Word x 16-Bit DYNAMIC RAM :FAST PAGE MODE TYPE WITH EDO
MSM51V18165D OKI-MSM51V18165D Datasheet
344Kb / 17P
1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416250 OKI-MSM5416250 Datasheet
1Mb / 19P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258A OKI-MSM5416258A Datasheet
334Kb / 22P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V16258B OKI-MSM54V16258B Datasheet
959Kb / 20P
262,144-Word x 16-Bit DYNAMIC RAM :FAST PAGE MODE TYPE WITH EDO
MSM511664C OKI-MSM511664C Datasheet
240Kb / 16P
65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE (BYTE WRITE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com