Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BML08NT Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BML08NT
Description  Magnetically Coded Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BML08NT Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BML08NT Datasheet HTML 1Page - Balluff Korea Ltd. BML08NT Datasheet HTML 2Page - Balluff Korea Ltd. BML08NT Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Magnetically Coded Sensors
BML BM1-NH01-BK04-QRF5
Order Code: BML08NT
Internet
www.balluff.com
eCl@ss 9.1: 27-27-07-05
Subject to change without notice: 279019
ETIM 6.0: EC002544
BML08NT_0.32_2021-08-24
1 / 3
1) not included in scope of delivery, 2) Distance to tape, 3) Tape, 4) LED function indicator
Basic features
Additional features 01
Function indicator: LED red/green
Application
rotary motion
Approval/Conformity
RoHS
WEEE
EAC
Measuring principle
absolute measuring system
Series
BM1
Display/Operation
Function indicator
Green LED
LED red
Electrical connection
Connection
Connector, JST BM12B-ZPDSS-
TF-Male, 12-pin
Connection version
axial
Polarity reversal protected
no
Protection against device mix-ups
no
Electrical data
BiSS-C data
19x position
1x error bit
1x warning bit
6x CRC
Current consumption max. at 5 V DC 100 mA
Hysteresis H max.
150 "
Operating voltage Ub
4.75...5.25 VDC
Overvoltage protection
no
Environmental conditions
Ambient temperature
-25...85 °C
Ext. magnetic fields max., in
operation
1 mT (no effect)
Storage temperature
-25...85 °C
Functional safety
MTTF (40 °C)
256 a


Similar Part No. - BML08NT

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML08N2 BALLUFF-BML08N2 Datasheet
126Kb / 2P
Magnetically Coded Sensors
0.36_2021-08-25
BML08NR BALLUFF-BML08NR Datasheet
163Kb / 3P
Magnetically Coded Sensors
0.3_2021-08-25
More results

Similar Description - BML08NT

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML0902 BALLUFF-BML0902 Datasheet
118Kb / 3P
Magnetically Coded Sensors
BML003L BALLUFF-BML003L Datasheet
118Kb / 2P
Magnetically Coded Sensors
BML04PA BALLUFF-BML04PA Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.36_2021-08-25
BML04PH BALLUFF-BML04PH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML04Y4 BALLUFF-BML04Y4 Datasheet
117Kb / 3P
Magnetically Coded Sensors
0.34_2021-09-01
BML05EC BALLUFF-BML05EC Datasheet
123Kb / 2P
Magnetically Coded Sensors
0.32_2021-08-25
BML05NH BALLUFF-BML05NH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML041H BALLUFF-BML041H Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML056R BALLUFF-BML056R Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML05YY BALLUFF-BML05YY Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com