Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BML08NT Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BML08NT
Description  Magnetically Coded Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BML08NT Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BML08NT Datasheet HTML 1Page - Balluff Korea Ltd. BML08NT Datasheet HTML 2Page - Balluff Korea Ltd. BML08NT Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Magnetically Coded Sensors
BML BM1-NH01-BK04-QRF5
Order Code: BML08NT
Internet
www.balluff.com
eCl@ss 9.1: 27-27-07-05
Subject to change without notice: 279019
ETIM 6.0: EC002544
BML08NT_0.32_2021-08-24
2 / 3
Interface
BiSS-C clock frequency
0.1...5 MHz
Bits, number
27 Bit
Clock
RS422 differential signal
Count direction
rising
Differential signals
yes
Error signal
yes
Interface
BiSS-C
Digital A/B (RS422)
Interface coding
Binary
Real-time signals
Digital A/B, RS422
Signal sequence
A before B = rising
Mechanical data
Dimension
52 x 8 x 26 mm (ODxIDxH)
Lateral offset (Y)
±0.5 mm
Mounting part
Through-hole 3.4 mm
Pitch max.
±1.0 °
Pole width
1.50 mm
Roll max.
±1.0 °
Tangential offset (X) max.
±0.5 mm
Weight
5 g
Yaw max. ±
1.0 °
Range/Distance
Edge separation min.
0.04 µs
Interpolation factor
512
Non-linearity of sensor head, max.
±150"
Optimal read distance
0.1 mm
Read distance
0.01...0.6 mm
Repeat accuracy
≤ 1 LSB
Resolution
≤ 15 bits
Traverse speed max.
12000 1/min
Connector Drawings
Wiring Diagrams



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com