Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCSM170AM039CT6AG Datasheet(PDF) 6 Page - Microchip Technology

Part # MSCSM170AM039CT6AG
Description  Phase Leg SiC Power Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170AM039CT6AG Datasheet(HTML) 6 Page - Microchip Technology

Back Button MSCSM170AM039CT6AG Datasheet HTML 2Page - Microchip Technology MSCSM170AM039CT6AG Datasheet HTML 3Page - Microchip Technology MSCSM170AM039CT6AG Datasheet HTML 4Page - Microchip Technology MSCSM170AM039CT6AG Datasheet HTML 5Page - Microchip Technology MSCSM170AM039CT6AG Datasheet HTML 6Page - Microchip Technology MSCSM170AM039CT6AG Datasheet HTML 7Page - Microchip Technology MSCSM170AM039CT6AG Datasheet HTML 8Page - Microchip Technology MSCSM170AM039CT6AG Datasheet HTML 9Page - Microchip Technology MSCSM170AM039CT6AG Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
The following table lists the temperature sensor NTC of the MSCSM170AM039CT6AG device.
Table 1-7. Temperature Sensor NTC
Symbol
Characteristic
Min
Typ
Max
Unit
R25
Resistance at 25 °C
—
50
—
kΩ
ΔR25/R25
—
—
5
—
%
B25/85
T25 = 298.15 K
—
3952
—
K
ΔB/B
—
TC = 100 °C
—
4
—
%
Note:  See APT0406—Using NTC Temperature Sensor Integrated into Power Module for more information.
MSCSM170AM039CT6AG
Electrical Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003969A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com