Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCSM170AM15CT3AG Datasheet(PDF) 5 Page - Microchip Technology

Part # MSCSM170AM15CT3AG
Description  Phase Leg SiC MOSFET Power Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170AM15CT3AG Datasheet(HTML) 5 Page - Microchip Technology

  MSCSM170AM15CT3AG Datasheet HTML 1Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 2Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 3Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 4Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 5Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 6Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 7Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 8Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
1.2
SiC Schottky Diode Characteristics (per SiC Diode)
The following table lists the SiC Schottky diode ratings and characteristics of the MSCSM170AM15CT3AG device.
Table 1-5. SiC Diode Ratings and Characteristics (Per SiC Diode)
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Peak repetitive reverse voltage
—
—
1700
V
IRRM
Reverse leakage current
VR = 1700 V
TJ = 25 °C
—
30
600
µA
TJ = 175 °C
—
450
—
IF
DC forward current
—
TC = 125 °C
—
90
—
A
VF
Diode forward voltage
IF = 90 A
TJ = 25 °C
—
1.5
1.8
V
TJ = 175 °C
—
2.3
—
QC
Total capacitive charge
VR = 900 V
—
690
—
nC
C
Total capacitance
f = 1 MHz, VR = 600 V
—
501
—
pF
f = 1 MHz, VR = 900 V
—
414
—
RthJC
Junction-to-case thermal resistance
—
—
0.19
°C/W
1.3
Thermal and Package Characteristics
The following table lists the thermal and package characteristics of the MSCSM170AM15CT3AG device.
Table 1-6. Thermal and Package Characteristics
Symbol
Characteristic
Min
Max
Unit
VISOL
RMS isolation voltage, any terminal to case t = 1 min, 50 Hz/60 Hz 4000
—
V
TJ
Operating junction temperature range
–40
175
°C
TJOP
Recommended junction temperature under switching conditions
–40
TJmax–25
TSTG
Storage case temperature
–40
125
TC
Operating case temperature
–40
125
Torque
Mounting torque
To heatsink
M4
2
3
N.m
Wt
Package weight
—
110
g
MSCSM170AM15CT3AG
Electrical Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003932A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com