Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCSM170AM15CT3AG Datasheet(PDF) 1 Page - Microchip Technology

Part # MSCSM170AM15CT3AG
Description  Phase Leg SiC MOSFET Power Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM170AM15CT3AG Datasheet(HTML) 1 Page - Microchip Technology

  MSCSM170AM15CT3AG Datasheet HTML 1Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 2Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 3Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 4Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 5Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 6Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 7Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 8Page - Microchip Technology MSCSM170AM15CT3AG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MSCSM170AM15CT3AG
Phase Leg SiC MOSFET Power Module
Product Overview
The MSCSM170AM15CT3AG device is a 1700 V, 181 A phase leg silicon carbide (SiC) MOSFET power module.
Pins 25 to 28 must be shorted together.
Pins 13 to 16 must be shorted together.
Pins 18/19/20/22 must be shorted together.
All ratings at TJ = 25 °C, unless otherwise specified.
Caution: These devices are sensitive to electrostatic discharge. Proper handling procedures must be followed.
© 2021 Microchip Technology Inc.
Datasheet
DS00003932A-page 1


Similar Part No. - MSCSM170AM15CT3AG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSCSM170AM029CT6LIAG MICROCHIP-MSCSM170AM029CT6LIAG Datasheet
870Kb / 17P
Very Low Stray Inductance Phase Leg SiC MOSFET Power Module
A 04/2021
MSCSM170AM039CD3AG MICROCHIP-MSCSM170AM039CD3AG Datasheet
1Mb / 16P
Phase Leg SiC Power Module
A 04/2021
MSCSM170AM039CT6AG MICROCHIP-MSCSM170AM039CT6AG Datasheet
1Mb / 17P
Phase Leg SiC Power Module
A 04/2021
MSCSM170AM058CD3AG MICROCHIP-MSCSM170AM058CD3AG Datasheet
1Mb / 16P
Phase Leg SiC Power Module
A 04/2021
MSCSM170AM058CT6AG MICROCHIP-MSCSM170AM058CT6AG Datasheet
1Mb / 17P
Phase Leg SiC Power Module
A 04/2021
More results

Similar Description - MSCSM170AM15CT3AG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MSCSM170TAM15CTPAG MICROCHIP-MSCSM170TAM15CTPAG Datasheet
856Kb / 17P
Triple Phase Leg SiC MOSFET Power Module
2021
MSCSM170TAM23CTPAG MICROCHIP-MSCSM170TAM23CTPAG Datasheet
853Kb / 17P
Triple Phase Leg SiC MOSFET Power Module
2021
MSCSM170AM039CD3AG MICROCHIP-MSCSM170AM039CD3AG Datasheet
1Mb / 16P
Phase Leg SiC Power Module
A 04/2021
MSCSM170AM039CT6AG MICROCHIP-MSCSM170AM039CT6AG Datasheet
1Mb / 17P
Phase Leg SiC Power Module
A 04/2021
MSCSM170AM058CD3AG MICROCHIP-MSCSM170AM058CD3AG Datasheet
1Mb / 16P
Phase Leg SiC Power Module
A 04/2021
MSCSM170AM058CT6AG MICROCHIP-MSCSM170AM058CT6AG Datasheet
1Mb / 17P
Phase Leg SiC Power Module
A 04/2021
MSCSM170AM23CT1AG MICROCHIP-MSCSM170AM23CT1AG Datasheet
1,021Kb / 17P
Phase Leg SiC MOSFET Power Module
A 04/2021
MSCSM170AM45CT1AG MICROCHIP-MSCSM170AM45CT1AG Datasheet
934Kb / 17P
Phase Leg SiC MOSFET Power Module
A 04/2021
logo
Microsemi Corporation
APTJC120AM13VCT1AG MICROSEMI-APTJC120AM13VCT1AG Datasheet
399Kb / 4P
Phase leg SiC Power Module
Rev 2 October, 2012
MSCSM70AM10CT3AG MICROSEMI-MSCSM70AM10CT3AG Datasheet
1Mb / 15P
Phase Leg SiC MOSFET Power Module
April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com