Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWPR1024IZVHT Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MWPR1024IZVHT
Description  Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1024IZVHT Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MWPR1024IZVHT Datasheet HTML 17Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 18Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 19Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 20Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 21Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 22Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 23Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 24Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Table 4. Top Level Receiver Specifications (TA=25°C, nominal process unless otherwise
noted) (continued)
Characteristic1
Symbol
Min.
Typ.
Max.
Unit
Bluetooth LE Adjacent +/- 2 MHz Interference offset
(Wanted signal at -67 dBm , BER <0.1%. Measurement
resolution 1 MHz.)
SELBluetooth LE, 2 MHz
—
40
—
dB
Bluetooth LE Alternate ≥ +/-3 MHz Interference offset
(Wanted signal at -67 dBm, BER <0.1%. Measurement
resolution 1 MHz.)
SELBluetooth LE, 3 MHz
—
50
—
dB
Intermodulation Performance
Bluetooth LE Intermodulation with continuous wave
interferer at ± 3MHz and modulated interferer is at ±
6MHz (Wanted signal at -67 dBm , BER<0.1%.)
—
-42
—
dBm
Bluetooth LE Intermodulation with continuous wave
interferer at ±5MHz and modulated interferer is at
±10MHz (Wanted signal at -67 dBm , BER<0.1%.)
—
-35
—
dBm
Blocking Performance6
Bluetooth LE Out of band blocking from 30 MHz to 1000
MHz and 4000 MHz to 5000 MHz (Wanted signal at -67
dBm , BER<0.1%. Interferer continuous wave signal.)7
—
—
-5
—
dBm
Bluetooth LE Out of band blocking from 1000 MHz to
2000 MHz and 3000 MHz to 4000MHz (Wanted signal
at -67 dBm , BER<0.1%. Interferer continuous wave
signal.)
—
—
-12
—
dBm
Bluetooth LE Out of band blocking from 2001 MHz to
2339MHz and 2484 MHz to 2999 MHz (Wanted signal
at -67 dBm , BER<0.1%. Interferer continuous wave
signal.)
—
—
-20
—
dBm
Bluetooth LE Out of band blocking from 5000 MHz to
12750 MHz (Wanted signal at -67 dBm , BER<0.1%.
Interferer continuous wave signal.)7
—
—
0
—
dBm
Spurious Emission < 1.6 MHz offset (Measured with
100 kHz resolution and average detector. Device
transmit on RF channel with center frequency fc and
spurious power measured in 1 MHz at RF frequency f),
where |f-fc|< 1.6 MHz
—
—
-54
—
dBc
Spurious Emission > 2.5 MHz offset (Measured with
100 kHz resolution and average detector. Device
transmit on RF channel with center frequency fc and
spurious power measured in 1 MHz at RF frequency f),
where |f-fc|> 2.5 MHz8
—
—
-70
—
dBc
1. All the RX parameters are measured at the MWPR1x24 RF pins
2. Transceiver power consumption
3. Measured at 0.1% BER using 37 byte long packets in max gain mode and nominal conditions
4. RSSI performance in narrowband mode
5. With one point calibration over frequency and temperature
6. Bluetooth LE Adjacent and Block parameters are measured with modulated interference signals
7. Exceptions allowed for carrier frequency harmonics.
8. Exceptions allowed for twice the reference clock frequency(fref) multiples.
Transceiver Electrical Characteristics
MWPR1124ZVHT/MWPR1024IZVHT Data Sheet, Rev. 0, 04/2018
21
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com