Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWPR1024IZVHT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MWPR1024IZVHT
Description  Wireless Power Receiver with Integrated Bluetooth짰 Low Energy Radio
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1024IZVHT Datasheet(HTML) 4 Page - NXP Semiconductors

  MWPR1024IZVHT Datasheet HTML 1Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 2Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 3Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 4Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 5Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 6Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 7Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 8Page - NXP Semiconductors MWPR1024IZVHT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
1 Introduction
The MWPR1x24 is a wireless power receiver controller with integrated Bluetooth®
Low Energy ver. 4.2 compliant transceiver. The wireless power receiver controller
measures the current and voltage of the power output of the wireless power system and
transmits the values via Bluetooth LE to wireless power transmitter controller which
controls the power transfer.
The key characteristics and features of the system are:
• Enables single or multi-coil power transmitter topology.
• Variable Z-gap range (vertical movement) from 4 mm to 35 mm – depends on coils
setup. This range is limited by the 65-W power transfer programable thresholds.
• Modularity in design of power transmitter unit to extend the number of transmitter
coils to form a larger active area, which requires:
• Minor reconfiguration of software.
• Extension of the multiplexer hardware (coil switches and control signal
multiplexer).
• No major impact on the system topology.
• Fast wireless power transfer start-up time below 2.5 s (applicable for up to seven
transmitter coils).
• No power from powered device is needed for the power receiver unit to start-up.
• Support of one Power Class 1 (PC1) device with up to 65 W of PRU
output.Premium version support also one Qi-certified Power Class 0 (PC0) device
with support for 5-W and 15-W receivers.
• Peak power transfer efficiency (input of power transmitter unit to output of power
receiver unit) of over 86 % at the best coil placement and 65 W of power receiver
unit output.
• Power receiver unit output-integrated protections for over-power and over-current
scenarios.
• Run-time system resonant frequency tracking ranging from 100 kHz to 145 kHz to
improve the power-transfer efficiency.
• The power receiver unit power output acts as a constant 19.5-V source, forming an
alternative to standard 65-W (or lower) AC power adapters, and thus simplifying its
integration into the target system. Output voltage is adjustable.
• Foreign Object Detection during and prior to the power transfer.
• Interface for Bluetooth Low Energy (Bluetooth LE) out-band communication
between the power receiver unit and power transmitter unit for secured data and
firmware update transfer towards the power transmitter unit.
Introduction
4
MWPR1124ZVHT/MWPR1024IZVHT Data Sheet, Rev. 0, 04/2018
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com