Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPX667JC Datasheet(PDF) 78 Page - NXP Semiconductors

Part # MPC8560CPX667JC
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8560CPX667JC Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button MPC8560CPX667JC Datasheet HTML 74Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 75Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 76Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 77Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 78Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 79Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 80Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 81Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2
78
Freescale Semiconductor
Package and Pin Listings
LVDD
A4, C5, E7, H10
Reference Voltage;
Three-Speed
Ethernet I/O (2.5 V,
3.3 V)
LVDD
—
MVREF
N27
Reference Voltage
Signal; DDR
MVREF
—
No Connects
AH26, AH27, AH28, AG28, AF28, AE28,
AH1, AG1, AH2, B1, B2, A2, A3, AH25
——
16
OVDD
D1, E4, H3, K4, K10, L7, M5, N3, P22, R19, R25, T2,
T7, U5, U20, U26, V8, W4, W13, W19, W21, Y7, Y23,
AA5, AA12, AA16, AA20, AB7, AB9, AB26, AC5, AC11,
AC17, AD4, AE1, AE8, AE10, AE15, AF7, AF12, AG27,
AH4
PCI/PCI-X,
RapidIO, 10/100
Ethernet, and other
Standard
(3.3 V)
OVDD
—
RESERVED
C1, T11, U11, AF1
—
—
15
SENSEVDD
L12
Power for Core
(1.2 V)
VDD
13
SENSEVSS
K12
—
—
13
VDD
M13, M15, M17, N14, N16, P13, P15, P17, R12, R14,
R16, T13, T15, T17, U12, U14
Power for Core
(1.2 V)
VDD
—
CPM
PA[0:31]
H1, H2, J1, J2, J3, J4, J5, J6, J7, J8, K8, K7, K6, K3,
K2, K1, L1, L2, L3, L4, L5, L8, L9, L10, L11, M10, M9,
M8, M7, M6, M3, M2
I/0
OVDD
—
PB[4:31]
M1, N1, N4, N5, N6, N7, N8, N9, N10, N11, P11, P10,
P9, P8, P7, P6, P5, P4, P3, P2, P1, R1, R2, R3, R4, R5,
R6, R7
I/0
OVDD
—
PC[0:31]
R8, R9, R10, R11, T9, T6, T5, T4, T1, U1, U2, U3, U4,
U7, U8, U9, U10, V9, V6, V5, V4, V3, V2, V1, W1, W2,
W3, W6, W7, W8, W9, Y9
I/0
OVDD
—
Table 54. MPC8560 Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com