Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPX667JC Datasheet(PDF) 99 Page - NXP Semiconductors

Part # MPC8560CPX667JC
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8560CPX667JC Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button MPC8560CPX667JC Datasheet HTML 95Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 96Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 97Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 98Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 99Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 100Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 101Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 102Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2
Freescale Semiconductor
99
Document Revision History
18 Document Revision History
Table 62 provides a revision history for this hardware specification.
Table 62. Document Revision History
Rev. No.
Substantive Change(s)
4.2
Added “Note: Rise/Fall Time on CPM Input Pins” and following note text to Section 9.2, “CPM AC Timing
Specifications.”
4.1
Inserted Figure 3 and paragraph above it.
Added PCI/PCI-X row to Input Voltage characteristic and added footnote 6 to Table 1.
4
Updated Section 2.1.2, “Power Sequencing.”
Updated back page information.
3.5
Updated Section 2.1.2, “Power Sequencing.”
3.4
Updated MVREF Max Value in Table 1.
Updated MVREF Max Value in Table 2.
Added new revision level information to Table 63
3.3
Updated MVREF Max Value in Table 1.
Removed Figure 3.
In Table 4, replaced TBD with power numbers and added footnote.
Updated specs and footnotes in Table 8.
Corrected max number for MVREF in Table 13.
Changed parameter “Clock cycle duration” to “Clock period” in Table 27.
Added note 4 to tLBKHOV1 and removed LALE reference from tLBKHOV3 in Table 31 and Table 32.
Updated LALE signal in Figure 17 and Figure 18.
Modified Figure 21.
Modified Figure 61.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com