Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPX667JC Datasheet(PDF) 104 Page - NXP Semiconductors

Part # MPC8560CPX667JC
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8560CPX667JC Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button MPC8560CPX667JC Datasheet HTML 100Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 101Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 102Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 103Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 104Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 105Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 106Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 107Page - NXP Semiconductors MPC8560CPX667JC Datasheet HTML 108Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 104 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2
104
Freescale Semiconductor
Device Nomenclature
19 Device Nomenclature
Ordering information for the parts fully covered by this specification document is provided in
Section 19.1, “Part Numbers Fully Addressed by this Document.”
19.1 Part Numbers Fully Addressed by this Document
Table 63 provides the Freescale part numbering nomenclature for the MPC8560. Note that the individual
part numbers correspond to a maximum processor core frequency. For available frequencies, contact your
local Freescale sales office. In addition to the processor frequency, the part numbering scheme also
includes an application modifier which may specify special application conditions. Each part number also
contains a revision code which refers to the die mask revision number.
Table 63. Part Numbering Nomenclature
MPC
nnnn
t
pp
ff(f)
c
r
Product
Code
Part
Identifier
Temperature
Range 1
Package 2
Processor
Frequency 3, 4
Platform
Frequency
Revision Level
MPC
8560
Blank = 0 to 105
°C
C= -40 to 105
°C
PX = FC-PBGA
VT = FC-PBGA
(Pb-free)
833 = 833 MHz
667 = 667 MHz
L = 333 MHz
J= 266 MHz
B = Rev. 2.0
(SVR = 0x80700020)
C = Rev. 2.1
(SVR = 0x80700021)
MPC
8560
Blank = 0 to 105
°C
C = –40 to 105
°C
PX = FC-PBGA
VT = FC-PBGA
(Pb-free)
AQ = 1.0 GHz
F = 333 MHz
B = Rev. 2.0
(SVR = 0x80700020)
C = Rev. 2.1
(SVR = 0x80700021)
Notes:
1.For Temperature Range=C, Processor Frequency is limited to 667 MHz.
2.See Section 14, “Package and Pin Listings” for more information on available package types.
3.Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. The core must be clocked at a minimum frequency of 400 MHz. A device
must not be used beyond the core frequency or platform frequency indicated on the device.
4. Designers should use the maximum power value corresponding to the core and platform frequency grades indicated on
the device. A lower maximum power value should not be assumed for design purposes even when running at a lower
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com