Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSI0010 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BSI0010
Description  Inclination Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BSI0010 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BSI0010 Datasheet HTML 1Page - Balluff Korea Ltd. BSI0010 Datasheet HTML 2Page - Balluff Korea Ltd. BSI0010 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inclination Sensors
BSI Q41K0-XA-MYS030-S92
Order Code: BSI0010
Internet
www.balluff.com
eCl@ss 9.1: 27-27-11-01
Subject to change without notice: 237781
ETIM 6.0: EC001852
BSI0010_0.38_2021-05-18
1 / 3
Basic features
Approval/Conformity
CE
cULus
EAC
WEEE
Basic standard
EN 61326-1
Measuring principle
MEMS
Electrical connection
Connection
M12x1
Polarity reversal protected
yes
Protection against device mix-ups
no
Short-circuit protection
yes
Electrical data
Current draw max.
15 mA
Load resistance min., analog output
20 kOhm
Operating voltage Ub
12...30 VDC
Rated operating voltage Ue DC
24 V
Environmental conditions
Ambient temperature
-40...80 °C
EN 60068-2-27, Shock
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67, IP69
Relative humidity
95 %, non-condensing
Storage temperature
-40...85 °C
Functional safety
MTTF (40 °C)
131 a
Interface
Analog output
2x Analog, voltage 0…10 V
Material
Housing material
Plastic
Mechanical data
Dimension
40 x 25 x 40 mm
Measuring axes
2
Mounting part
Threads
Rotation direction
Clockwise
Weight
45 g
Range/Distance
Accuracy
±1.0°
Resolution
≤ 0.09 °
Sampling rate
20 ms
Temperature drift max.
±0.8°/10 K


Similar Part No. - BSI0010

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BSI0011 BALLUFF-BSI0011 Datasheet
127Kb / 3P
Inclination Sensors
0.42_2021-05-20
BSI0012 BALLUFF-BSI0012 Datasheet
138Kb / 3P
Inclination Sensors
0.42_2021-08-25
BSI0013 BALLUFF-BSI0013 Datasheet
137Kb / 3P
Inclination Sensors
0.38_2021-05-20
BSI0014 BALLUFF-BSI0014 Datasheet
136Kb / 3P
Inclination Sensors
0.42_2021-05-18
BSI0015 BALLUFF-BSI0015 Datasheet
133Kb / 3P
Inclination Sensors
0.42_2021-05-20
More results

Similar Description - BSI0010

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BSI000A BALLUFF-BSI000A Datasheet
141Kb / 3P
Inclination Sensors
0.42_2021-05-20
BSI000C BALLUFF-BSI000C Datasheet
141Kb / 3P
Inclination Sensors
0.4_2021-05-20
BSI000E BALLUFF-BSI000E Datasheet
141Kb / 3P
Inclination Sensors
0.4_2021-05-20
BSI0003 BALLUFF-BSI0003 Datasheet
112Kb / 2P
Inclination Sensors
0.38_2021-04-02
BSI0004 BALLUFF-BSI0004 Datasheet
115Kb / 2P
Inclination Sensors
0.44_2021-04-02
BSI0007 BALLUFF-BSI0007 Datasheet
143Kb / 3P
Inclination Sensors
0.44_2021-07-07
BSI000U BALLUFF-BSI000U Datasheet
196Kb / 3P
Inclination Sensors
0.39_2021-05-20
BSI000Y BALLUFF-BSI000Y Datasheet
138Kb / 3P
Inclination Sensors
0.4_2021-05-20
BSI0013 BALLUFF-BSI0013 Datasheet
137Kb / 3P
Inclination Sensors
0.38_2021-05-20
BSI0015 BALLUFF-BSI0015 Datasheet
133Kb / 3P
Inclination Sensors
0.42_2021-05-20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com