Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSI0010 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BSI0010
Description  Inclination Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BSI0010 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BSI0010 Datasheet HTML 1Page - Balluff Korea Ltd. BSI0010 Datasheet HTML 2Page - Balluff Korea Ltd. BSI0010 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inclination Sensors
BSI Q41K0-XA-MYS030-S92
Order Code: BSI0010
Internet
www.balluff.com
eCl@ss 9.1: 27-27-11-01
Subject to change without notice: 237781
ETIM 6.0: EC001852
BSI0010_0.38_2021-05-18
2 / 3
Remarks
Centering in a range of ±5° from horizontal is possible
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
PIN 1: Vcc
PIN 2: Y 0..10 V
PIN 3: GND
PIN 4: X 0..10 V
PIN 5: Centering
Technical Drawings
Output signal measuring range



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com