Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2165ACPZ-1.0-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2165ACPZ-1.0-R7
Description  5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2165ACPZ-1.0-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP2165ACPZ-1.0-R7 Datasheet HTML 1Page - Analog Devices ADP2165ACPZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP2165ACPZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP2165ACPZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP2165ACPZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP2165ACPZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP2165ACPZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP2165ACPZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP2165ACPZ-1.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
5.5 V, 5 A/6 A, High Efficiency, Step-Down
DC-to-DC Regulators with Output Tracking
Data Sheet
ADP2165/ADP2166
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Continuous output current
ADP2165: 5 A
ADP2166: 6 A
Integrated MOSFET
High-side on resistance: 19 mΩ
Low-side on resistance: 15 mΩ
Reference voltage: 0.6 V ± 1% over temperature range
Input voltage range: 2.7 V to 5.5 V
Current mode architecture
Switching frequency
Fixed frequency: 620 kHz or 1.2 MHz
Adjustable frequency: 250 kHz to 1.4 MHz
Synchronizes to external clock: 250 kHz to 1.4 MHz
Selectable synchronize phase shift: in phase or out of phase
External compensation
Programmable soft start
Startup into a precharged output
Voltage tracking input
Power-good output and precision enable input
Accurate current limit
Available in 24-lead, 4 mm × 4 mm LFCSP package
Supported by ADIsimPower™ design tool
APPLICATIONS
Point of load regulation
Communications and networking
High end consumer
Industrial, instrumentation, and healthcare
GENERAL DESCRIPTION
The ADP2165/ADP2166 are high efficiency, current mode
control, step-down dc-to-dc regulators with an integrated 19 mΩ
high-side FET and a 15 mΩ synchronous rectified FET. The
ADP2165/ADP2166 combine a small size, 4 mm × 4 mm LFCSP
package with an accurate current limit, resulting in a smaller
inductor size and a high power density, point of load solution.
Key features include precision enable, power-good monitor,
and output voltage tracking to facilitate robust sequencing.
The switching frequency can be programmed from 250 kHz
to 1.4 MHz, or it can be fixed at 620 kHz or 1.2 MHz. The
synchronization function allows the switching frequency to
synchronize to an external clock, minimizing the
electromagnetic interference (EMI) of the system.
TYPICAL APPLICATION CIRCUIT
ADP2165/
ADP2166
BST
FB
COMP
PGOOD
GND
VREG
RT
TRK
SYNC
SS
L1
SW
PGND
EN
PVIN
CIN
VPVIN
CBST
COUT
VOUT
RTOP
RBOT
CC
RC
CSS
AVIN
RRT
CVREG
CCP
Figure 1.
The ADP2165/ADP2166 are designed to be extremely flexible
with the addition of a minimal amount of external components
to program soft start and control loop compensation.
The ADP2165/ADP2166 are supplied from an input voltage of
2.7 V to 5.5 V. Output voltage options include 3.3 V, 2.5 V, 1.8 V,
1.5 V, 1.2 V, or 1.0 V fixed outputs and adjustable options capable
of supporting an output voltage range from 0.6 V to 90% of the
input voltage. Protection features include undervoltage lockout
(UVLO), overvoltage protection (OVP), overcurrent protection
(OCP), and thermal shutdown (TSD) for robust performance.
The ADP2165/ADP2166 operate over the −40°C to +125°C
junction temperature range and are available in a 24-lead
LFCSP package.
100
50
55
60
65
70
75
80
85
90
95
0
1
2
3
4
5
6
OUTPUT CURRENT (A)
VOUT = 1.8V
fSW = 600kHz
VPVIN = 5V
VPVIN = 3.3V
Figure 2. Efficiency vs. Output Current


Similar Part No. - ADP2165ACPZ-1.0-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2164 AD-ADP2164 Datasheet
1,004Kb / 20P
6.5 V, 4 A, High Efficiency
REV. 0
ADP2164-EVALZ AD-ADP2164-EVALZ Datasheet
1,004Kb / 20P
6.5 V, 4 A, High Efficiency
REV. 0
ADP2164ACPZ-1.0-R7 AD-ADP2164ACPZ-1.0-R7 Datasheet
1,004Kb / 20P
6.5 V, 4 A, High Efficiency
REV. 0
ADP2164ACPZ-1.2-R7 AD-ADP2164ACPZ-1.2-R7 Datasheet
1,004Kb / 20P
6.5 V, 4 A, High Efficiency
REV. 0
ADP2164ACPZ-1.5-R7 AD-ADP2164ACPZ-1.5-R7 Datasheet
1,004Kb / 20P
6.5 V, 4 A, High Efficiency
REV. 0
More results

Similar Description - ADP2165ACPZ-1.0-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1823 AD-ADP1823 Datasheet
676Kb / 32P
Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
11/06-Rev. 0 to Rev. A
ADP1829 AD-ADP1829 Datasheet
691Kb / 32P
Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
6/07-Revision 0
ADP2119 AD-ADP2119 Datasheet
1Mb / 24P
2 A/1.25 A, 1.2 MHz, Synchronous, Step-Down DC-to-DC Regulators
REV. 0
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
UG-466 AD-UG-466 Datasheet
885Kb / 12P
Evaluation Board for the ADP2384/ADP2386, 20 V, 4 A/6 A Synchronous Step-Down DC-to-DC Regulators
REV. 0
logo
Texas Instruments
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
LMS3655 TI1-LMS3655 Datasheet
1Mb / 49P
5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655 TI1-LMS3655_17 Datasheet
2Mb / 52P
5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
logo
Analog Devices
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
4/2017-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com