Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2165ACPZ-1.0-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2165ACPZ-1.0-R7
Description  5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2165ACPZ-1.0-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2165ACPZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP2165ACPZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP2165ACPZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP2165ACPZ-1.0-R7 Datasheet HTML 9Page - Analog Devices ADP2165ACPZ-1.0-R7 Datasheet HTML 10Page - Analog Devices ADP2165ACPZ-1.0-R7 Datasheet HTML 11Page - Analog Devices ADP2165ACPZ-1.0-R7 Datasheet HTML 12Page - Analog Devices ADP2165ACPZ-1.0-R7 Datasheet HTML 13Page - Analog Devices ADP2165ACPZ-1.0-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADP2165/ADP2166
Data Sheet
Rev. B | Page 10 of 23
9.0
8.8
8.6
8.2
8.4
8.0
7.8
7.6
7.4
7.2
7.0
2.73.13.5
3.94.34.75.15.5
VPVIN (V)
–40ºC
+25ºC
+125ºC
Figure 17. ADP2165 Peak Current Limit vs. VPVIN
CH1 500mV BW
EN
IL
CH2 5.00V BW
CH3 5.00V BW
CH4 5.00A Ω BW
M1.00ms A CH2
3.80V
T 10.00%
1
2
3
4
T
VOUT
PGOOD
Figure 18. Soft Start with Full Load (600 kHz, VPVIN = 5 V)
M200µs
A CH4
2.80A
T 30.20%
1
4
T
VOUT (AC)
IOUT
CH4 2.00A Ω BW
CH1 50.0mV
B
W
Figure 19. Load Transient (600 kHz, 1.5 A to 4.5 A Load Step)
10.0
9.8
9.6
9.2
9.4
9.0
8.8
8.6
8.4
8.2
8.0
2.73.13.5
3.94.34.75.15.5
VPVIN (V)
–40ºC
+25ºC
+125ºC
Figure 20. ADP2166 Peak Current Limit vs. VPVIN
CH1 500mV BW
EN
IL
CH2 5.0V BW
CH3 5.00V BW
CH4 2.00A Ω BW
M1.00ms A CH2
3.80V
T 10.00%
1
2
3
4
T
VOUT
PGOOD
Figure 21. Soft Start with Precharge (600 kHz, VPVIN = 5 V)
M200µs
A CH4
4.60A
T 20.60%
1
4
T
VOUT (AC)
IOUT
CH4 5.00A Ω BW
CH1 50.0mV
B
W
Figure 22. Load Transient (1.2 MHz, 0.5 A to 5.5 A Load Step)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com