Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2165ACPZ-1.5-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2165ACPZ-1.5-R7
Description  5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2165ACPZ-1.5-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2165ACPZ-1.5-R7 Datasheet HTML 3Page - Analog Devices ADP2165ACPZ-1.5-R7 Datasheet HTML 4Page - Analog Devices ADP2165ACPZ-1.5-R7 Datasheet HTML 5Page - Analog Devices ADP2165ACPZ-1.5-R7 Datasheet HTML 6Page - Analog Devices ADP2165ACPZ-1.5-R7 Datasheet HTML 7Page - Analog Devices ADP2165ACPZ-1.5-R7 Datasheet HTML 8Page - Analog Devices ADP2165ACPZ-1.5-R7 Datasheet HTML 9Page - Analog Devices ADP2165ACPZ-1.5-R7 Datasheet HTML 10Page - Analog Devices ADP2165ACPZ-1.5-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet
ADP2165/ADP2166
Rev. B | Page 7 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
1
3
4
5
6
18
17
16
15
14
13
FB
COMP
SS
TRK
RT
SYNC
PGND
SW
SW
SW
SW
PVIN
ADP2165/
ADP2166
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. SOLDER THE EXPOSED
PAD TO AN EXTERNAL GROUND PLANE
UNDERNEATH THE IC FOR THERMAL
DISSIPATION.
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SYNC
Synchronization Input. Connect this pin to an external clock between 250 kHz and 1.4 MHz to synchronize the
switching frequency to the external clock. RT can be used to program the phase shift when synchronizing the
external clock.
2
RT
Frequency Setting. Connect a resistor between the RT and GND pins to program the switching frequency between
250 kHz to 1.4 MHz. When the RT pin is floating, the frequency is set to 620 kHz, and when the RT pin is connected
to VREG, the frequency is set to 1.2 MHz.
3
TRK
Tracking Input. This pin can be used for tracking and sequencing. If the tracking function is not used, connect TRK
to VREG.
4
SS
Soft Start Control. Connect a capacitor from the SS pin to the GND pin to program the soft start time.
5
COMP
Error Amplifier Output. Connect a compensation network from the COMP pin to the GND pin.
6
FB
Feedback Voltage Sense Input. Connect to a resistor divider from VOUT.
7
GND
Analog Ground. Connect to the ground plane.
8
PGOOD
Power-Good Output (Open-Drain). A pull-up resistor of 100 kΩ is recommended.
9
BST
Supply Rail for the High-Side MOSFET Gate Drive. Place a 0.1 µF capacitor between the SW pin and the BST pin.
10, 11,
12, 13
PGND
Power Ground. Connect this pin to the ground plane and to the output return side of the output capacitor.
14, 15,
16, 17
SW
Switching Node.
18, 19,
20, 21
PVIN
Power Input. Connect this pin to the input power source and connect a bypass capacitor between this pin and
ground.
22
AVIN
Bias Voltage Input Pin. Connect a bypass capacitor between this pin and GND and a small (10 Ω) resistor between
this pin and PVIN.
23
EN
Precision Enable Input Pin. An external resistor divider can be used to set the turn-on threshold. To enable the
device automatically, connect the EN pin to PVIN. This pin has a 1 MΩ pull-down resistor to GND.
24
VREG
Internal Bias Regulator Output. It supplies the regulated voltage to the internal circuitry. Bypass the VREG pin to
the GND pin with a high quality, low ESR 1 µF ceramic capacitor.
EPAD
Exposed Pad. Solder the exposed pad to an external ground plane underneath the IC for thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com