Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2165ACPZ-1.5-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2165ACPZ-1.5-R7
Description  5.5 V, 5 A/6 A, High Efficiency, Step-Down DC-to-DC Regulators with Output Tracking
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2165ACPZ-1.5-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2165ACPZ-1.5-R7 Datasheet HTML 10Page - Analog Devices ADP2165ACPZ-1.5-R7 Datasheet HTML 11Page - Analog Devices ADP2165ACPZ-1.5-R7 Datasheet HTML 12Page - Analog Devices ADP2165ACPZ-1.5-R7 Datasheet HTML 13Page - Analog Devices ADP2165ACPZ-1.5-R7 Datasheet HTML 14Page - Analog Devices ADP2165ACPZ-1.5-R7 Datasheet HTML 15Page - Analog Devices ADP2165ACPZ-1.5-R7 Datasheet HTML 16Page - Analog Devices ADP2165ACPZ-1.5-R7 Datasheet HTML 17Page - Analog Devices ADP2165ACPZ-1.5-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
ADP2165/ADP2166
Data Sheet
Rev. B | Page 14 of 23
APPLICATIONS INFORMATION
ADIsimPOWER DESIGN TOOL
The ADP2165/ADP2166 are supported by the ADIsimPower
design tool set. ADIsimPower is a collection of tools that produce
complete power designs optimized to a specific design goal. The
tools allow the user to generate a full schematic, bill of materials,
and calculate performance in minutes. ADIsimPower can optimize
designs for cost, area, efficiency, and parts count while taking
into consideration the operating conditions and limitations of
the IC and all real external components. The ADIsimPower tool
can be found at www.analog.com/ADIsimPower, and the user
can request an unpopulated board through the tool.
INPUT CAPACITOR SELECTION
The input capacitor reduces the input voltage ripple caused by
the switch current on the PVIN pin. Place the input capacitor as
close as possible to the PVIN pin. A ceramic capacitor in the 10 µF
to 47 µF range is recommended. The loop that is composed of
this input capacitor, the high-side NFET, and the low-side NFET
must be kept as small as possible.
The voltage rating of the input capacitor must be greater than the
maximum input voltage. The rms current rating of the input
capacitor must be larger than the value calculated by the
following equation:
)
1
(
D
D
I
I
OUT
CIN_RMS
−
×
×
=
OUTPUT VOLTAGE SETTING
The output voltage of the ADP2165/ADP2166 is set by an
external resistive divider. The resistor values are calculated
using the following equation:
VOUT = 0.6 ×


+
BOT
TOP
R
R
1
To limit the output voltage accuracy degradation due to FB bias
current (0.1 µA maximum) to less than 0.5% (maximum), ensure
that RBOT < 30 kΩ.
Table 5 lists the recommended resistor divider for various output
voltages.
Table 5. Resistor Divider for Various Output Voltages
VOUT (V)
RTOP ± 1% (kΩ)
RBOT ± 1% (kΩ)
1.0
10
15
1.2
10
10
1.5
15
10
1.8
20
10
2.5
47.5
15
3.3
10
2.21
VOLTAGE CONVERSION LIMITATIONS
The minimum output voltage for a given input voltage and
switching frequency is constrained by the minimum on time.
The minimum on time of the ADP2165/ADP2166 is typically
100 ns. The minimum output voltage at a given input voltage
and frequency can be calculated using the following equation:
VOUT_MIN = VPVIN × tON_MIN × fSW − (RDSON_HS − RDSON_LS) ×
IOUT_MIN × tON_MIN × fSW − (RDSON_LS + RL) × IOUT_MIN
(1)
where:
VOUT_MIN is the minimum output voltage.
tON_MIN is the minimum on time.
IOUT_MIN is the minimum output current.
fSW is the switching frequency.
RDSON_HS is the high-side MOSFET on resistance.
RDSON_LS is the low-side MOSFET on resistance.
RL is the series resistance of the output inductor.
The maximum output voltage for a given input voltage and
switching frequency is constrained by the minimum off time
and the maximum duty cycle. The minimum off time is typically
100 ns, and the maximum duty cycle of the ADP2165/ADP2166
is typically 90%.
The maximum output voltage, limited by the minimum off time
at a given input voltage and frequency, can be calculated using
the following equation:
VOUT_MAX = VPVIN × (1 − tOFF_MIN × fSW) − (RDSON_HS − RDSON_LS) ×
IOUT_MAX × (1 − tOFF_MIN × fSW) − (RDSON_LS + RL) × IOUT_MAX (2)
where:
VOUT_MAX is the maximum output voltage.
tOFF_MIN is the minimum off time.
IOUT_MAX is the maximum output current.
The maximum output voltage, limited by the maximum duty
cycle at a given input voltage, can be calculated using the
following equation:
VOUT_MAX = DMAX × VPVIN
(3)
where DMAX is the maximum duty cycle.
As Equation 1 to Equation 3 show, reducing the switching
frequency alleviates the minimum on time and minimum off
time limitation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com