Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB4FSZ3 Datasheet(PDF) 2 Page - Schneider Electric

Part # ZB4FSZ3
Description  Harmony XB4, flush mounted blanking plug 횠 30.5 mm 1.20 inch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB4FSZ3 Datasheet(HTML) 2 Page - Schneider Electric

  ZB4FSZ3 Datasheet HTML 1Page - Schneider Electric ZB4FSZ3 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Package 1 Length
1.69 in (4.3 cm)
Unit Type of Package 2
BB1
Number of Units in Package 2
5
Package 2 Weight
12.06 oz (342 g)
Package 2 Height
1.69 in (4.3 cm)
Package 2 width
2.17 in (5.5 cm)
Package 2 Length
10.43 in (26.5 cm)
Unit Type of Package 3
S02
Number of Units in Package 3
80
Package 3 Weight
12.76 lb(US) (5.79 kg)
Package 3 Height
5.91 in (15 cm)
Package 3 width
11.81 in (30 cm)
Package 3 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Nickel compounds, which is known
to the State of California to cause cancer, and Di-isodecyl phthalate (DIDP), which is known to the
State of California to cause birth defects or other reproductive harm. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
Contractual warranty
Warranty
18 months
2
Nov 24, 2021



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com