Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZB4FSZ3 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZB4FSZ3
Description  Harmony XB4, flush mounted blanking plug 횠 30.5 mm 1.20 inch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZB4FSZ3 Datasheet(HTML) 1 Page - Schneider Electric

  ZB4FSZ3 Datasheet HTML 1Page - Schneider Electric ZB4FSZ3 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Harmony XB4, flush mounted
blanking plug Ø 30.5 mm 1.20 inch
ZB4FSZ3
Product availability : Non-Stock - Not normally stocked in
distribution facility
Price* : 11.30 USD
Main
Range of product
Harmony XB4
Accessory / Separate Part Type
Blanking plug
Accessory / separate part
category
Installation accessory
Product Compatibility
XB4F
XB5F
Accessory / separate part
destination
Ø 30.5 mm control and signalling units
Complementary
Material
Metal
Head type
Built-in-flush
Additional information
Fixing collar ZB4BZ009 required for mounting must be ordered separately
Sale per indivisible quantity
1
Net Weight
0.15 lb(US) (0.070 kg)
Shape of signaling unit head
Round
Type of operator
flush
Ordering and shipping details
Category
22468 - PUSHBUTTONS,22MM(METAL) NEW
Discount Schedule
CS2
GTIN
3606489582524
Nbr. of units in pkg.
1
Package weight(Lbs)
2.41 oz (68.4 g)
Returnability
No
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.17 in (5.5 cm)
Package 1 width
2.05 in (5.2 cm)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Nov 24, 2021
1


Similar Part No. - ZB4FSZ3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4FA0 SCHNEIDER-ZB4FA0 Datasheet
168Kb / 10P
Head for non illuminated push button, Harmony XB4, flush mounted pushbutton without caps
Oct 4, 2021
ZB4FA1 SCHNEIDER-ZB4FA1 Datasheet
155Kb / 10P
Harmony XB4, Flush mounted push button head, metal, white, 횠30, spring return, unmarked
Oct 4, 2021
ZB4FA131 SCHNEIDER-ZB4FA131 Datasheet
160Kb / 10P
Head for non illuminated push button, Harmony XB4, flush mounted white flush caps pushbutton black marked "I"||" "1339137
Easy Evaluation of the MAX34417
ZB4FA133 SCHNEIDER-ZB4FA133 Datasheet
161Kb / 10P
Head for non illuminated push button, Harmony XB4, flush mounted white flush caps pushbutton black marked "START"||" "1339141
Quick Evaluation of the MAX34406
ZB4FA136 SCHNEIDER-ZB4FA136 Datasheet
160Kb / 10P
Head for non illuminated push button, Harmony XB4, flush mounted white flush caps pushbutton black marked "II"||" "1339155
3.5in 320 x 240 Color TFT Display
More results

Similar Description - ZB4FSZ3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XB4FG03 SCHNEIDER-XB4FG03 Datasheet
133Kb / 5P
Selector switch, Harmony XB4, flush mounted sw 횠 30.5 key 455 3 pos stay put key release 2 NO
Sep 29, 2021
XB4FG41 SCHNEIDER-XB4FG41 Datasheet
152Kb / 5P
Selector switch, Harmony XB4, flush mount sw 횠 30.5 key 455 2pos stay put key release left right 1 NO
Sep 29, 2021
XB4FG61 SCHNEIDER-XB4FG61 Datasheet
152Kb / 5P
Selector switch, Harmony XB4, flush mounted 횠 30.5 key 455 2 pos key release left 1 NO
Sep 29, 2021
ZB4FV033 SCHNEIDER-ZB4FV033 Datasheet
155Kb / 8P
Head for pilot light, Harmony XB4, flush mounted green integral LED
Oct 4, 2021
ZB4FV043 SCHNEIDER-ZB4FV043 Datasheet
154Kb / 8P
Head for pilot light, Harmony XB4, flush mounted red integral LED
Oct 4, 2021
ZB4FV063 SCHNEIDER-ZB4FV063 Datasheet
156Kb / 8P
Head for pilot light, Harmony XB4, flush mounted blue integral LED
Oct 4, 2021
ZB4FA88 SCHNEIDER-ZB4FA88 Datasheet
178Kb / 13P
Head for illuminated push button, Harmony XB4, flush mounted yellow with flush caps
Oct 8, 2021
ZB4FH05 SCHNEIDER-ZB4FH05 Datasheet
160Kb / 8P
Head for push button, Harmony XB4, flush mounted yellow flush caps pushbutton push
Oct 8, 2021
ZB4FW383 SCHNEIDER-ZB4FW383 Datasheet
169Kb / 10P
Head for illuminated push button, Harmony XB4, flush mounted yellow with flush caps
Oct 8, 2021
ZB4SZ3 SCHNEIDER-ZB4SZ3 Datasheet
131Kb / 2P
Harmony XB4, Blanking plug round, metal, chromium plated, 횠22
Nov 24, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com