Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC-7140-R4A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # HPC-7140-R4A1E
Description  1U Rackmount Server Chassis for MicroATX/ATX Server board with 4 x 3.5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

HPC-7140-R4A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  HPC-7140-R4A1E Datasheet HTML 1Page - Advantech Co., Ltd. HPC-7140-R4A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
HPC-7140
Dimensions
Unit: mm [inch]
Ordering Information
Part Number
Description
HPC-7140-00A1E
HPC-7140 1U 4 bays server chassis (w/o SPS)
HPC-7140-R4A1E
HPC-7140 1U 4 bays server chassis (w/400W RPS)
Note: Standard HPC-7140-R4A1E does not support PMBUS function. This function is
only supported on a per project basis.
Packing List
Items
Quantity
Hot-Swap 3.5" HDD tray with SATA cable (Pre-install)
4
Accessory Box
1
Power Supply Options
Part Number
80 Plus
Grade
Wattage
Type
Input
XARR-CPS-2511-1A2
Bronze
250W
Single
AC 100 ~ 240V
(full range)
XARR-CPS-6811-2A12
Gold
680W
Single
AC 100 ~ 240V
(full range)
510.09 [20.08]
504.19 [19.85]
43.6 [1.717]
Optional Accessories
Part Number
Description
96CB-SAS-SATA-4P1
Mini SAS to 4-port SATA Cable*
19Z0001023T000
1U IO Shield for ASMB-584
19Z0000747T000
1U IO Shield for ASMB-784
19Z0000406T000
1U IO Shield for ASMB-781/782/820
19Z0000811N000
1U IO Shield for ASMB-822/813
19Z0000806T000
1U IO Shield for ASMB-823
1703040150
A Cable B4P-5.08/B4P-5.08*2 15cm*
96CB-SATAPOWER-6P2
SATA POWER ADAPTER 6PIN TO BIG 4 PIN(G) for
Slim ODD
AIMB-RF10F-01A1E
1U PCIe x16 to PCIe x16 Riser Card
1990026944T000
ASMB-823 Mylar FAN DUCT for HPC-7140*
9680016633
2.5" HDD Bracket for Swappable HDD Tray
9680016685
25.6" - 33" Rail Kit for HPC-7140
* Note:
1. When using add-on RAID Card with Mini-SAS connector(s), purchasing
96CB-SAS-SATA-4P1 cable is a MUST.
2. HPC-7140 does not support AIMB series motherboards.
3. HPC-7140 only supports up to 30 °C when ASMB-823 has been installed.
4. When installing Slim ODD in HPC-7140-R4A1E, purchasing 1703040150 is a
MUST.
5. Purchasing 1990026944T000 is a MUST if using dual CPUs on ASMB-823.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com