Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC-7140-R4A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # HPC-7140-R4A1E
Description  1U Rackmount Server Chassis for MicroATX/ATX Server board with 4 x 3.5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

HPC-7140-R4A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  HPC-7140-R4A1E Datasheet HTML 1Page - Advantech Co., Ltd. HPC-7140-R4A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Server Chassis
Features
HPC-7140
Specifications
Form Factor Support
MicroATX/ATX
Expansion Slots
PCIe x16 Full Height / Half Length x1
Drive Bay
Slim ODD Bay
1 (ODD should be purchased separately)
5.25" (front-accessible)
-
3.5" (hot-swappable)
4 x SASll / SATAlll
3.5" (internal)
-
2.5" (hot-swappable)
Optional
2.5" (internal)
-
Cooling
Chassis Fan
4 x Swappable 40mm PWM fan module
Air Filter
-
System Monitoring
Chassis intrusion switch
Front I/O Interface
USB 2.0
2
COM Ports
1
Miscellaneous
LED Indicators
System : Power, LAN1, LAN2, HDD, System Information
HDD Tray: HDD Power and Activity LED
Rear Panel
-
Environment
Operating
Non-Operating
Temperature
0 ~ 35 °C (32 ~ 95 °F)
-40 ~ 70 °C (-40 ~ 158 °F)
Humidity
10 ~ 85% @ 40 °C non-condensing
10 ~ 95% @ 40 °C, non-condensing
Vibration (5-500 Hz)
0.25Grms
0.5G
Physical Characteristics
Dimensions (W x H x D)
437 x 43 x 504 mm (17.2" x 1.7" x 19.85")
1U Rackmount Server Chassis for
MicroATX/ATX Server board with
4 x 3.5" Hot-swap Drive Bays
ƒ 1U rackmount server chassis supports MicroATX/ATX motherboard
ƒ Four hot swap 3.5" SAS/SATA/SSD drive bays
ƒ Supports 1U single and redundant power supply
ƒ Easy swap and anti-vibration FAN design
ƒ Two front USB and one front COM ports
Front View
Rear View
Single Power Supply SKU
Redundant Power Supply SKU
Last updated: 13-Sep-2017
All product specifications are subject to change without notice.


Similar Part No. - HPC-7140-R4A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HPC-7140-00A1E ADVANTECH-HPC-7140-00A1E Datasheet
864Kb / 2P
1U Rackmount Server Chassis for MicroATX/ATX Server board with 4 x 3.5" Hot-swap Drive Bays and 1 full-height/half-length PCI-E x16 Expansion Slot
HPC-7140-00A2E ADVANTECH-HPC-7140-00A2E Datasheet
864Kb / 2P
1U Rackmount Server Chassis for MicroATX/ATX Server board with 4 x 3.5" Hot-swap Drive Bays and 1 full-height/half-length PCI-E x16 Expansion Slot
More results

Similar Description - HPC-7140-R4A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-1000 ADVANTECH-ACP-1000 Datasheet
1Mb / 2P
1U Rackmount Chassis for SBC or ATX/MicroATX Motherboard
ACP-1010BP ADVANTECH-ACP-1010BP Datasheet
561Kb / 2P
Compact 1U Rackmount Chassis for SHB/SBC or ATX/MicroATX Motherboard
20-Aug-2009
logo
Axiomtek Co., Ltd.
AX61131TM AXIOMTEK-AX61131TM Datasheet
231Kb / 2P
1U Rackmount Chassis for ATX Motherboard
logo
Advantech Co., Ltd.
HPC-7140-00A1E ADVANTECH-HPC-7140-00A1E Datasheet
864Kb / 2P
1U Rackmount Server Chassis for MicroATX/ATX Server board with 4 x 3.5" Hot-swap Drive Bays and 1 full-height/half-length PCI-E x16 Expansion Slot
logo
Axiomtek Co., Ltd.
AX61132TM AXIOMTEK-AX61132TM_16 Datasheet
304Kb / 2P
1U Rackmount Chassis for ATX Motherboard
logo
Advantech Co., Ltd.
ACP-2010 ADVANTECH-ACP-2010 Datasheet
785Kb / 2P
2U Rackmount Chassis for ATX/MicroATX Motherboard
logo
DFI Inc
RM641 DFI-RM641 Datasheet
446Kb / 2P
Rackmount Chassis for ATX/microATX
logo
Advantech Co., Ltd.
HPC-7000 ADVANTECH-HPC-7000 Datasheet
903Kb / 2P
Server Tower Chassis for EATX/ATX/ MicroATX Motherboard
13-Sep-2017
HPC-7120 ADVANTECH-HPC-7120 Datasheet
624Kb / 2P
1U Server Chassis for MicroATX/ATX/EATX Server board
13-Sep-2017
HPC-7120S ADVANTECH-HPC-7120S Datasheet
662Kb / 2P
1U Short-Depth Server Chassis for Micro ATX/ATX Motherboards
13-Sep-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com