Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

587B162LP Datasheet(PDF) 1 Page - Protek Devices

Part # 587B162LP
Description  LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

587B162LP Datasheet(HTML) 1 Page - Protek Devices

  587B162LP Datasheet HTML 1Page - Protek Devices 587B162LP Datasheet HTML 2Page - Protek Devices 587B162LP Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
587B062LP
thru
587B302LP
1
05057.R4 12/03
www.protekdevices.com
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ Hard Wired Equipment AC Power Protection
✔ Load Side Distribution Systems
✔ Secondary Protection for Light Industrial AC Power
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-5 (Surge): 1kA, 8/20µs - Level 4(Line-Line) & 333A Level 4 (Line-Ground)
FEATURES
✔ Meets ANSI/IEEE C62.41 Outdoor Requirements
✔ Listed to CSA, File LR65240 (Except 587B302LP)
✔ Differential and Common Mode Protection
✔ Low Clamping Voltage
✔ Nanosecond Response Time
✔ Long Life and Maintenance Free
✔ Finger Safe Connectors
MECHANICAL CHARACTERISTICS
✔ Plastic Package
✔ Weight: 360 Grams (Approximate)
✔ Flammability Rating UL 94V-0
✔ Device Marking: Part Number, Date Code, Logo, Voltage and Current Rating
DESCRIPTION
The 587B Low Profile (LP) Series of 240 Volt AC Surge Suppressors is designed for
use by the OEM, equipment installer and or maintenance contractor. These modules
employ a three stage technology proven to be the most cost effective and reliable
method in protecting sensitive electronic equipment from over voltage transients.
This series is designed to protect AC powered equipment from the 6,000 Volt peak
open circuit voltage and 3,000 Amp short circuit current as defined in ANSI/IEEE
C62.41, Category CI.
The 587BxxxLP Series offers a high degree of protection against 240 VAC line EMI
noise. It is ideal for protecting 800 Volt components because the solid state TVS
technology assures that the line-to-neutral voltage will not exceed 800 Volts. While
the modules are designed for transient voltage protection, the advanced circuitry will
also attenuate the amplitude and slow the rate of rise of high frequency noise acting
as an EMI filter. The 587BxxxLP Series includes common mode and differential mode
protection, which are effective in reducing interference from line to equipment and are
effective in reducing equipment generated noise to meet FCC, VDE and CSA interfer-
ence requirements
U.S PATENT 4,563,720
0
10
20
30
40
50
60
FIGURE 2
TYPICAL CLAMPING ACTION
OF A 15 AMP MODULE
0
10
20
30
40
50
60
Time - µs
0
2
6
4
FIGURE 1
TRANSIENT VOLTAGE THREAT
CONDITION
Time - µs
0
2
4
8
6
Figures 1 and 2 are photographs of digitized waveforms
showing the typical clamping action of a 16 ampere module.
A 12 Ohm resistor is used to represent a 10 Amp equipment
load. The load is then subjected to the ANSI/IEEE C62.41
Category CI test conditions (6,000V/3,000A). These photo-
graphs contrast the effect on equipment with and without the
protector.


Similar Part No. - 587B162LP

ManufacturerPart #DatasheetDescription
logo
Protek Devices
587B162LPE PROTEC-587B162LPE Datasheet
100Kb / 3P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
More results

Similar Description - 587B162LP

ManufacturerPart #DatasheetDescription
logo
Protek Devices
587B062 PROTEC-587B062 Datasheet
97Kb / 3P
240V AC POWER LINE SURGE SUPPRESSOR
587B062LPE PROTEC-587B062LPE Datasheet
100Kb / 3P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B051LP PROTEC-587B051LP Datasheet
72Kb / 3P
LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
587B062 PROTEC-587B062_11 Datasheet
318Kb / 4P
240v acpower line surge suppressor
587B062LP PROTEC-587B062LP_11 Datasheet
333Kb / 4P
low profile 240v acpower line surge suppressor
587B062LPE PROTEC-587B062LPE_11 Datasheet
334Kb / 4P
low profile 240v acpower line surge suppressor
587B051 PROTEC-587B051_12 Datasheet
337Kb / 5P
120V AC POWER LINE SURGE SUPPRESSOR
587B051LP PROTEC-587B051LP_12 Datasheet
333Kb / 4P
LOW PROFILE 120V AC POWER LINE SURGE SUPPRESSOR
587B062LP PROTEC-587B062LP_12 Datasheet
335Kb / 4P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
587B062LPE PROTEC-587B062LPE_12 Datasheet
337Kb / 4P
LOW PROFILE 240V AC POWER LINE SURGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com