Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF4100LFC Datasheet(PDF) 5 Page - Protek Devices

Part # EMIF4100LFC
Description  EMI FILTER/TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EMIF4100LFC Datasheet(HTML) 5 Page - Protek Devices

  EMIF4100LFC Datasheet HTML 1Page - Protek Devices EMIF4100LFC Datasheet HTML 2Page - Protek Devices EMIF4100LFC Datasheet HTML 3Page - Protek Devices EMIF4100LFC Datasheet HTML 4Page - Protek Devices EMIF4100LFC Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
www.protekdevices.com
05220.R1 9/05
EMIF4-100LFC
PACKAGE OUTLINE & DIMENSIONS
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA-481.
2. Plastic 8mm Tape: Suffix-T73-1 = 7 Inch Reel - 3,000 pieces per reel, i.e.,
EMIF4-100LFC-T73-1.
3. Suffix - LF - Lead-Free, i.e.,
EMIF4-100LFC-LF-T73-1.
Outline & Dimensions: Rev 1 - 8/05, 06060
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and
specifications is the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or
specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
Top cover tape
K0
t
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
Tape & Reel Specifications (Dimensions in millimeters)
DE
P0
t
FP2
W
1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ±0.30 4.00 ±0.10 2.00 ±0.05
P
4.00 ±0.10 0.20±0.025
A0
B0
K0
Reel Dia.
Tape Width
178mm (7”)
8mm
1.78 ± 0.05 2.18 ± 0.05 0.51 ± 0.05
1234
O
G
I
A
D
C
G
E
F
H
I
B
J
SIDE VIEW
BOTTOM VIEW
0.30 DIA.
63/67 Sn/Pb
Solder Bumps
A
B
C
D
E
F
G
H
I
J
1.981
1.285
0.495
0.245
0.430
0.430
0.180
0.180
0.432
0.330
0.0780
0.0506
0.0195
0.0096
0.0169
0.0169
0.0071
0.0071
0.0170
0.0130
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
PACKAGE OUTLINE
2.032
1.375
0.505
0.255
0.440
0.440
0.280
0.280
0.559
0.457
0.0800
0.0541
0.0199
0.0100
0.0173
0.0173
0.0110
0.0110
0.0220
0.0180
MIN
MIN
MAX
MAX
NOTE:
1. Controlling dimensions in millimeters.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com