Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF4100LFC Datasheet(PDF) 1 Page - Protek Devices

Part # EMIF4100LFC
Description  EMI FILTER/TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EMIF4100LFC Datasheet(HTML) 1 Page - Protek Devices

  EMIF4100LFC Datasheet HTML 1Page - Protek Devices EMIF4100LFC Datasheet HTML 2Page - Protek Devices EMIF4100LFC Datasheet HTML 3Page - Protek Devices EMIF4100LFC Datasheet HTML 4Page - Protek Devices EMIF4100LFC Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
EMIF4-100LFC
1
05220.R1 9/05
www.protekdevices.com
EMI FILTER/TVS ARRAY
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ Cellular Phones
✔ Notebooks
✔ Personal Digital Assistant (PDA)
✔ Ground Positioning System (GPS)
✔ SMART Cards
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
FEATURES
✔ ESD Protection > 25 kilovolts
✔ Bidirectional EMI Filtering/TVS Low Pass Filters
✔ Low Insertion Loss: -3db Roll-Off @ 90MHz
✔ Protects Up to Four(4) Data Lines
✔ RoHS Compliant on Lead-Free Versions
MECHANICAL CHARACTERISTICS
✔ 10 Bump Flip Chip Package
✔ Weight 0.73 milligrams (Approximate)
✔ Available in Tin-Lead or Lead-Free Plating
✔ Solder Reflow Temperature:
Tin-Lead - Sn/Pb, 85/15: 240-245°C
Lead-Free - Sn/Ag/Cu, 96/3.5/0.5: 260-270°C
✔ Flammability Rating UL 94V-0
✔ 8mm Tape and Reel Per EIA Standard 481
PIN CONFIGURATIONS
100 Ohm
15pF
15pF
I/On
GND
I/On
For Each Line
G1
G2
O1
I1
O2
I2
O3
I3
O4
I4
All grounds are connected internally
10 BUMP FC


Similar Part No. - EMIF4100LFC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EMIF4100FC PROTEC-EMIF4100FC Datasheet
116Kb / 5P
EMI FILTER/TVS ARRAY
EMIF4100FCD4 PROTEC-EMIF4100FCD4 Datasheet
121Kb / 5P
EMI FILTER/TVS ARRAY
More results

Similar Description - EMIF4100LFC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM6D100L PROTEC-EM6D100L Datasheet
88Kb / 4P
EMI FILTER/TVS ARRAY
EMF01-100 PROTEC-EMF01-100 Datasheet
95Kb / 4P
EMI FILTER/TVS ARRAY
EM4DLP-100L PROTEC-EM4DLP-100L Datasheet
74Kb / 4P
EMI FILTER/TVS ARRAY
EM6D-100-4D PROTEC-EM6D-100-4D Datasheet
83Kb / 4P
EMI FILTER/TVS ARRAY
EMIF4-100LFC PROTEC-EMIF4-100LFC_07 Datasheet
88Kb / 5P
EMI FILTER/TVS ARRAY
EMIF6-100LFC PROTEC-EMIF6-100LFC_07 Datasheet
96Kb / 5P
EMI FILTER/TVS ARRAY
EM02-100 PROTEC-EM02-100 Datasheet
80Kb / 4P
EMI FILTER/TVS ARRAY
EM4D-100L PROTEC-EM4D-100L_11 Datasheet
744Kb / 7P
emi filter/tvs array
EM4DLP-100L PROTEC-EM4DLP-100L_11 Datasheet
746Kb / 7P
emi filter/tvs array
EM1631-08DSLP PROTEC-EM1631-08DSLP Datasheet
635Kb / 7P
emi filter/tvs array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com