Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK2UTRAVAM Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SK2UTRAVAM
Description  Safe-IT 2-Outlet Universal Travel Charger - 5-15R Outlets, 2 USB Ports, Direct Plug-In with 5 Plug Options, Antimicrobial Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SK2UTRAVAM Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SK2UTRAVAM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SK2UTRAVAM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SK2UTRAVAM Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2021 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Network (Ethernet) Protection
No
Telephone/DSL Protection
No
PHYSICAL
Material of Construction
Plastic
Antimicrobial
Yes
Housing Color
Black
Mounting Holes or Slots
No
Receptacle Color
Black
Unit Dimensions (hwd / in.)
3.5 x 2.8 x 1.3
Unit Dimensions (hwd / cm)
8.89 x 7.11 x 3.30
Unit Weight (lbs.)
0.26
Unit Weight (kg)
0.12
Input Cord Color
Black
FEATURES & SPECIFICATIONS
Rotatable Outlets
No
GaN Technology
No
STANDARDS & COMPLIANCE
Canada
CAN/CSA-C22.2 No. 60950-1:2007 (2nd Ed) +A1:2011+A2:2014
Approvals
RoHS3, REACH
UL1363 (Power Tap)
UL 60950 - 1:2007 (2nd Ed) +a1 + A2 R10.14
WARRANTY
Product Warranty Period
(Worldwide)
Lifetime limited warranty
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com