Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK2UTRAVAM Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SK2UTRAVAM
Description  Safe-IT 2-Outlet Universal Travel Charger - 5-15R Outlets, 2 USB Ports, Direct Plug-In with 5 Plug Options, Antimicrobial Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SK2UTRAVAM Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SK2UTRAVAM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SK2UTRAVAM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SK2UTRAVAM Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
Safe-IT 2-Outlet Universal Travel Charger - 5-15R
Outlets, 2 USB Ports, Direct Plug-In with 5 Plug
Options, Antimicrobial Protection
MODEL NUMBER: SK2UTRAVAM
Travel charger powers and charges up to 4 devices, including phones and tablets, while working at home,
hotel or open office.
Features
2-Outlet 2-Port Travel Charger Keeps Your Devices Powered and Ready
Ideal for your home or office workstation or travel use, this Safe-IT™ power strip charger accepts a wide
range of electronic devices. Plug your printer, external hard drive or other home/office electronics into two
NEMA 5-15R outlets. Two USB-A ports share 3.4A for charging your smartphone, tablet and other mobile
devices.
Direct Plug-In Design Makes It Easy to Work from Anywhere
The SK2UTRAVAM plugs directly into a wall outlet with no messy cables needed. It comes with five
international plug adapters (North America, Japan, United Kingdom, Europe, China), so you can travel
with the power strip charger and use it almost anywhere in the world. A black carrying pouch is included to
keep the charger safe inside your suitcase, backpack, purse or laptop bag.
Antimicrobial Protection Helps Provide a Safer, Cleaner and Healthier Work Environment
The Safe-IT SK2UTRAVAM features antimicrobial protection that helps resist the growth of bacteria,
viruses, fungi, mold and mildew.
Highlights
2 NEMA 5-15R outlets distribute
AC power to connected
home/office equipment
q
2 USB ports share 3.4A for fast
charging of phones, tablets and
other mobile devices
q
Convenient direct plug-in
charger includes 5 international
plug adapters
q
Compact power strip fits snugly
in backpack or purse for
expedient portability
q
Antimicrobial protection helps
resist the growth of bacteria,
viruses, fungi, mold and mildew
q
Package Includes
SK2UTRAVAM 2-Outlet
Universal Travel Charger
q
(5) International plug adapters
(North America, Japan, U.K.,
Europe, China)
q
Carrying pouch, black
q
Owner’s manual
q
OVERVIEW
UPC Code
037332265760
Product Type
Power Strip
Charging Form Factor
Direct Plug-In
Device Compatibility
Phone; Tablet; Amazon Kindle
1 / 3


Similar Part No. - SK2UTRAVAM

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SK2U150 SMC-SK2U150 Datasheet
276Kb / 4P
Optimized for power conversion: welding and industrial SMPS applications
SK2U150-400 SMC-SK2U150-400 Datasheet
276Kb / 4P
Optimized for power conversion: welding and industrial SMPS applications
logo
SMC Diode Solutions Co....
SK2U150-400 SMCDIODE-SK2U150-400 Datasheet
163Kb / 4P
Ultrafast Recovery Modules
Rev.B
logo
Sangdest Microelectroni...
SK2U200 SMC-SK2U200 Datasheet
170Kb / 4P
Ultrafast, soft reverse recovery, with high operation junction temperature
SK2U200-400 SMC-SK2U200-400 Datasheet
170Kb / 4P
Ultrafast, soft reverse recovery, with high operation junction temperature
More results

Similar Description - SK2UTRAVAM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SK5BUCAM TRIPPLITE-SK5BUCAM Datasheet
171Kb / 4P
Safe-IT 5-Outlet Surge Protector, USB-A/USB-C Ports, 5-15P Direct Plug-In, 1050 Joules, Antimicrobial Protection, Black
SK3BUAM TRIPPLITE-SK3BUAM Datasheet
45Kb / 4P
Safe-IT 3-Outlet Surge Protector, 2 USB Charging Ports, 5-15P Direct Plug-In, 1050 Joules, Antimicrobial Protection, Black
SK5BUCAM TRIPPLITE-SK5BUCAM_V01 Datasheet
49Kb / 4P
Safe-IT 5-Outlet Surge Protector, USB-A/USB-C Ports, 5-15P Direct Plug-In, 1050 Joules, Antimicrobial Protection, Black
TLP368CUBEUAM TRIPPLITE-TLP368CUBEUAM Datasheet
56Kb / 4P
Safe-IT 3-Outlet Cube Surge Protector, 5-15R Outlets, 6 USB Charging Ports, 8 ft. (2.4 m) Cord, Antimicrobial Protection
TLP38UAM TRIPPLITE-TLP38UAM Datasheet
60Kb / 4P
Safe-IT 3-Outlet Spherical Surge Protector, 5-15R Outlets, 4 USB Charging Ports, 8 ft. (2.4 m) Cord, Antimicrobial Protection
TLP410UCUFOAM TRIPPLITE-TLP410UCUFOAM Datasheet
48Kb / 4P
Safe-IT Conference Power Surge Protector, 4 Rotating 5-15R Outlets, USB-C & 3 USB-A Ports, 10 ft. (3 m) Cord, Antimicrobial Protection
TLP608DMUAM TRIPPLITE-TLP608DMUAM Datasheet
56Kb / 4P
Safe-IT 6-Outlet Surge Protector, 2 USB Charging Ports, 8 ft. Cord, 5-15P Plug, 2100 Joules, Antimicrobial Protection, Black
TLP610BUAM TRIPPLITE-TLP610BUAM Datasheet
49Kb / 4P
Safe-IT 6-Outlet Surge Protector, 2 USB Charging Ports, 10 ft. Cord, 5-15P Plug, 990 Joules, Antimicrobial Protection, Black
TLP648UCBAM TRIPPLITE-TLP648UCBAM Datasheet
54Kb / 4P
Safe-IT 6-Outlet Clamp Surge Protector, 5-15R Outlets, 3 USB Charging Ports, 8 ft. (2.4 m) Cord, Antimicrobial Protection
TLP68UBAM TRIPPLITE-TLP68UBAM Datasheet
54Kb / 4P
Safe-IT 6-Outlet Surge Protector, Retractable USB Charger, 5-15R Outlets, 4 USB Charging Ports, 8 ft. (2.4 m) Cord, Antimicrobial Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com