Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U209-006-RJ45XC Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # U209-006-RJ45XC
Description  USB-C to RJ45 Serial Rollover Cable (M/M) - Cisco Compatible, 250 Kbps, 6 ft. (1.8 m)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U209-006-RJ45XC Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  U209-006-RJ45XC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U209-006-RJ45XC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U209-006-RJ45XC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PHYSICAL
Color
Black
Cable Jacket Color
Black
Cable Jacket Material
PVC
Cable Jacket Rating
VW-1
Cable Outer Diameter (OD)
RJ45: 5.5MM; USB: 4.7MM
Cable Length (ft.)
6
Cable Length (m)
1.83
Cable Length (in.)
72
Unit Packaging Type
Box
Unit Weight (kg)
0.11
Unit Weight (lbs.)
0.2425
ENVIRONMENTAL
Operating Temperature Range
32 TO 104 F (0 TO 40 C)
Storage Temperature Range
-4 TO 140 F (-20 TO 60 C)
Operating Humidity Range
0% TO 90% RH, NON-CONDENSING
Storage Humidity Range
0% TO 90% RH, NON-CONDENSING
COMMUNICATIONS
Network Compatibility
250 Kbps
CONNECTIONS
Side A - Connector 1
USB C (MALE)
Side B - Connector 1
RJ45 (MALE)
Connector Color
Black
FEATURES & SPECIFICATIONS
Driver Required
Yes
Remote Wakeup Support
Yes
STANDARDS & COMPLIANCE
Certifications
CE, FCC, RoHS, REACH
WARRANTY
Product Warranty Period
(Worldwide)
3-year limited warranty
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com