Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U209-006-RJ45XC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U209-006-RJ45XC
Description  USB-C to RJ45 Serial Rollover Cable (M/M) - Cisco Compatible, 250 Kbps, 6 ft. (1.8 m)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U209-006-RJ45XC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U209-006-RJ45XC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U209-006-RJ45XC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved U209-006-RJ45XC Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
USB-C to RJ45 Serial Rollover Cable (M/M) -
Cisco Compatible, 250 Kbps, 6 ft. (1.8 m)
MODEL NUMBER: U209-006-RJ45XC
Connects your computer or laptop’s USB-C port to a Cisco modem, router, firewall, switch or other serial-
based Cisco device with an RJ45 console port.
Features
Connects Your Computer’s USB-C Port to a Cisco Device
Directly connect the RJ45 console port on your Cisco modem, router, firewall, switch or other serial-based
Cisco device to the USB-C port on your computer or laptop. The U209-006-RJ45XC supports data
transfer rates up to 250 Kbps, as well as remote wake-up and power management. It is compatible with
Windows, macOS and Linux.
Filtering EMI/RFI Line Noise Helps Your Equipment Perform Better
This Cisco-compatible cable blocks disruptive EMI (electromagnetic interference) and RFI (radio
frequency interference) line noise that can disturb your network equipment and inflict hardware damage or
data loss. Premium double-shielding eliminates crosstalk and helps your connected components perform
better and last longer.
Specifically Designed for Cisco Equipment
The serial cable is compatible with both older and current Cisco models. It requires no external power or
additional adapters. You may download and install the necessary driver from the product page at
tripplite.com/support (see the included owner’s manual for directions).
Highlights
Supports data transfer rates up
to 250 Kbps
q
Supports remote wake-up and
power management
q
Premium double-shielded cable
eliminates crosstalk and
reduces EMI/RFI interference
q
Compatible with Windows,
macOS and Linux operating
systems
q
Designed for Cisco equipment
with no adapters or external
power required
q
System Requirements
Computer with USB-C port and
Windows, macOS or Linux
operating system
q
Cisco device with RJ45 console
port
q
Package Includes
U209-006-RJ45XC USB-C to
RJ45 Serial Rollover Cable,
M/M, 6 ft. (1.8 m)
q
Owner’s manual
q
OVERVIEW
UPC Code
037332268655
Technology
Serial; USB
POWER
USB Power Delivery (PD) Charging
Support
No
1 / 3


Similar Part No. - U209-006-RJ45XC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U209-006-RJ45-X TRIPPLITE-U209-006-RJ45-X Datasheet
172Kb / 2P
USB to RJ45 Cisco Serial Rollover Cable, USB Type-A to RJ45 M/M, 6 ft.
More results

Similar Description - U209-006-RJ45XC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N205-006-BL-FCR TRIPPLITE-N205-006-BL-FCR Datasheet
499Kb / 2P
Cisco Console Rollover Cable (RJ45 M/M), 6 ft.
N205-010-BL-FCR TRIPPLITE-N205-010-BL-FCR Datasheet
499Kb / 2P
Cisco Console Rollover Cable (RJ45 M/M), 10 ft.
U209-005-C TRIPPLITE-U209-005-C Datasheet
518Kb / 2P
USB-C to DB9 Serial Adapter Cable (M/M), 5 ft.
P430-006 TRIPPLITE-P430-006 Datasheet
177Kb / 2P
6 ft RJ45 to DB9F Cisco Serial Console Port Rollover Cable
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
U040-006-C-5A TRIPPLITE-U040-006-C-5A Datasheet
166Kb / 3P
USB 2.0 Cable with 5A Rating, USB-C to USB-C (M/M), 6 ft.
N034-001 TRIPPLITE-N034-001 Datasheet
164Kb / 2P
Cisco Serial Console Rollover RJ45 M/F Adapter
U209-006-RJ45-X TRIPPLITE-U209-006-RJ45-X Datasheet
172Kb / 2P
USB to RJ45 Cisco Serial Rollover Cable, USB Type-A to RJ45 M/M, 6 ft.
N034-001-SH TRIPPLITE-N034-001-SH Datasheet
171Kb / 2P
Cisco Serial Console Rollover Adapter (M/F) - RJ45 to RJ45, Shielded, Blue
U038AB-006-S-LB TRIPPLITE-U038AB-006-S-LB Datasheet
41Kb / 3P
Safe-IT USB-A to USB-C Antibacterial Cable, USB 2.0, Ultra Flexible (M/M), Light Blue, 6 ft. (1.8 m)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com