Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4451 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC4451
Description  12A Peak Low-Side MOSFET Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4451 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC4451 Datasheet HTML 6Page - Microchip Technology MIC4451 Datasheet HTML 7Page - Microchip Technology MIC4451 Datasheet HTML 8Page - Microchip Technology MIC4451 Datasheet HTML 9Page - Microchip Technology MIC4451 Datasheet HTML 10Page - Microchip Technology MIC4451 Datasheet HTML 11Page - Microchip Technology MIC4451 Datasheet HTML 12Page - Microchip Technology MIC4451 Datasheet HTML 13Page - Microchip Technology MIC4451 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MIC4451/52
DS20006616A-page 10
2021 Microchip Technology Inc. and its subsidiaries
4.0
APPLICATIONS INFORMATION
4.1
Supply Bypassing
Charging and discharging large capacitive loads
quickly requires large currents. For example, changing
a 10,000 pF load to 18V in 50 ns requires 3.6A.
The MIC4451 and MIC4452 have double bonding on
the supply pins, the ground pins, and output pins. This
reduces parasitic lead inductance. Low inductance
enables large currents to be switched rapidly. It also
reduces internal ringing that can cause voltage
breakdown when the driver is operated at or near the
maximum rated voltage.
Internal ringing can also cause output oscillation due to
feedback. This feedback is added to the input signal
because it is referenced to the same ground.
To ensure low supply impedance over a wide frequency
range,
a
parallel
capacitor
combination
is
recommended for supply bypassing. Low inductance
ceramic disc capacitors with short lead lengths
(<0.5 inch) should be used. A 1 µF low ESR film
capacitor in parallel with two 0.1 µF low ESR ceramic
capacitors, (such as AVX RAM GUARD®), provides
adequate bypassing. Connect one ceramic capacitor
directly between pins 1 and 4. Connect the second
ceramic capacitor directly between pins 8 and 5.
4.2
Grounding
The high current capability of the MIC4451/52
demands careful PC board layout for best
performance. Because the MIC4451 is an inverting
driver, any ground lead impedance will appear as
negative feedback which can degrade switching
speed. Feedback is especially noticeable with slow rise
time inputs. The MIC4451 input structure includes
200 mV of hysteresis to ensure clean transitions and
freedom from oscillation, but attention to layout is still
recommended.
Figure 4-1 shows the feedback effect in detail. As the
MIC4451 input begins to go positive, the output goes
negative and several amperes of current flow in the
ground lead. As little as 0.05Ω of PC trace resistance
can produce hundreds of millivolts at the MIC4451
ground pins. If the driving logic is referenced to power
ground, the effective logic input level is reduced and
oscillation may result.
To ensure optimum performance, separate ground
traces should be provided for the logic and power
connections. Connecting the logic ground directly to
the MIC4451 GND pins will ensure full logic drive to the
input and ensure fast output switching. Both of the
MIC4451 GND pins should, however, still be connected
to power ground.
4.3
Input Stage
The input voltage level of the MIC4451 changes the
quiescent supply current. The N-channel MOSFET
input stage transistor drives a 320 µA current source
load. With a logic “1” input, the maximum quiescent
supply current is 400 µA. Logic “0” input level signals
reduce quiescent current to 80 µA typical.
The MIC4451/52 input is designed to provide 200 mV
of hysteresis. This provides clean transitions, reduces
noise sensitivity, and minimizes output stage current
spiking when changing states. Input voltage threshold
level is approximately 1.5V, making the device
TTL-compatible over the full temperature and operating
supply voltage ranges. Input current is less than
±10 µA.
The MIC4451 can be directly driven by the TL494,
SG1526/1527, SG1524, TSC170, MIC38C42, and
similar switch mode power supply integrated circuits.
By offloading the power-driving duties to the
MIC4451/52, the power supply controller can operate
at lower dissipation. This can improve performance and
reliability.
The input can be greater than the VS supply, however,
current will flow into the input lead. The input currents
can be as high as 30 mA peak-to-peak (6.4 mARMS)
with the input. No damage will occur to MIC4451/52,
however, and it will not latch.
The input appears as a 7 pF capacitance and does not
change even if the input is driven from an AC source.
While the device will operate and no damage will occur
up to 25V below the negative rail, input current will
increase up to 1 mA/V due to the clamping action of the
input, ESD diode, and 1 kΩ resistor.
4.4
Power Dissipation
CMOS circuits usually permit the user to ignore power
dissipation. Logic families, such as 4000 and 74C,
have outputs that can only supply a few milliamperes of
current, and even shorting outputs to ground will not
force enough current to destroy the device. The
MIC4451/52 on the other hand, can source or sink
several amperes and drive large capacitive loads at
high frequency. The package power dissipation limit
can easily be exceeded. Therefore, some attention
should be given to power dissipation when driving low
impedance loads and/or operating at high frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com