Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4451 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC4451
Description  12A Peak Low-Side MOSFET Drivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4451 Datasheet(HTML) 1 Page - Microchip Technology

  MIC4451 Datasheet HTML 1Page - Microchip Technology MIC4451 Datasheet HTML 2Page - Microchip Technology MIC4451 Datasheet HTML 3Page - Microchip Technology MIC4451 Datasheet HTML 4Page - Microchip Technology MIC4451 Datasheet HTML 5Page - Microchip Technology MIC4451 Datasheet HTML 6Page - Microchip Technology MIC4451 Datasheet HTML 7Page - Microchip Technology MIC4451 Datasheet HTML 8Page - Microchip Technology MIC4451 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006616A-page 1
MIC4451/52
Features
• BiCMOS/DMOS Construction
• Latch-Up Proof: Fully Isolated Process is
Inherently Immune to Any Latch-Up
• Input Will Withstand Negative Swing of up to 5V
• Matched Rise and Fall Times: 25 ns
• High Peak Output Current: 12A
• Wide Operating Range: 4.5V to 18V
• High Capacitive Load Drive: 62,000 pF
• Low Delay Time: 30 ns (typ.)
• Logic High Input for Any Voltage from 2.4V to VS
• Low Supply Current 450 µA with Logic 1 Input
• Low Output Impedance: 1.0Ω
• Output Voltage Swing to within 25 mV of GND or
VS
• Low Equivalent Input Capacitance: 7 pF (typ.)
Applications
• Switch Mode Power Supplies
• Motor Controls
• Pulse Transformer Driver
• Class-D Switching Amplifier
• Line Drivers
• Driving MOSFET or IGBT Parallel Chip Modules
• Local Power ON/OFF Switch
• Pulse Generators
General Description
The MIC4451 and MIC4452 CMOS MOSFET drivers
are robust, efficient, and easy to use. The MIC4451 is
an inverting driver, while the MIC4452 is a
non-inverting driver.
Both versions are capable of 12A (peak) output and
can drive the largest MOSFETs with an improved safe
operating margin. The MIC4451/52 accept any logic
input from 2.4V to VS without external speed-up
capacitors or resistor networks. Proprietary circuits
allow the input to swing negative by as much as 5V
without damaging the part. Additional circuits protect
against damage from electrostatic discharge.
MIC4451/52 drivers can replace three or more discrete
components, reducing PCB area requirements,
simplifying product design, and reducing assembly
cost.
Modern Bipolar/CMOS/DMOS construction ensures
freedom from latch-up. The rail-to-rail swing capability
of CMOS/DMOS ensures adequate gate voltage to the
MOSFET during power up/down sequencing. Because
these devices are fabricated on a self-aligned process,
they have very low crossover current, run cool, use little
power, and are easy to drive.
Package Types
MIC4451, MIC4452
8-Lead SOIC (M)
8-Lead PDIP (N)
(Top View)
MIC4451, MIC4452
5-Lead TO-220 (T)
(Top View)
1
2
3
4
8
7
6
5
VS
OUT
OUT
GND
VS
IN
NC
GND
5OUT
4GND
3VS
2GND
1IN
12A Peak Low-Side MOSFET Drivers


Similar Part No. - MIC4451

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4451 MICREL-MIC4451 Datasheet
199Kb / 12P
12A-Peak Low-Side MOSFET Driver
MIC4451 MICREL-MIC4451 Datasheet
521Kb / 14P
12A-Peak Low-Side MOSFET Driver
MIC4451BM MICREL-MIC4451BM Datasheet
105Kb / 10P
12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4451BM MICREL-MIC4451BM Datasheet
199Kb / 12P
12A-Peak Low-Side MOSFET Driver
More results

Similar Description - MIC4451

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4451 MICREL-MIC4451 Datasheet
105Kb / 10P
12A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Texas Instruments
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4126 MICREL-MIC4126 Datasheet
533Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
MIC4451 MICREL-MIC4451_05 Datasheet
199Kb / 12P
12A-Peak Low-Side MOSFET Driver
MIC4451 MICREL-MIC4451_11 Datasheet
521Kb / 14P
12A-Peak Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4126 MIC-MIC4126_11 Datasheet
538Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
logo
Microchip Technology
MIC4423 MICROCHIP-MIC4423 Datasheet
2Mb / 26P
Dual 3A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
MIC4467 MICROCHIP-MIC4467 Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
MIC4126 MICROCHIP-MIC4126 Datasheet
846Kb / 22P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
Revision A 06/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com