Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4126 Datasheet (PDF) - Microchip Technology

MIC4126 Datasheet PDF - Microchip Technology
Part # MIC4126
Download  MIC4126 Download
File Size   846.54 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging

MIC4126 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4126 Datasheet PDF - Microchip Technology

Part # MIC4126
Download  MIC4126 Click to download

File Size   846.54 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging

MIC4126 Datasheet (HTML) - Microchip Technology


MIC4126 Product details

General Description
The MIC4126, MIC4127, and MIC4128 family are
highly-reliable dual 1.5A low-side MOSFET drivers
fabricated on Microchip’s BiCMOS/DMOS process.
The devices feature low power consumption and high
efficiency. The MIC4126/27/28 translate TTL or CMOS
input logic levels to output voltage levels that swing
within 25mV of the positive supply or ground whereas
comparable bipolar devices are capable of swinging
only to within 1V of the supply. The MIC4126/7/8 is
available in three configurations: dual inverting, dual
noninverting, and complimentary output.
The MIC4126/27/28 offer pin-compatible as well as
smaller footprint replacements for the MIC4426/27/28
with improved packaging and electrical performance.
The MIC4126/27/28 are available in exposed pad,
EPAD, SOIC-8L and MSOP-8L options as well as a
small-size VDFN ML™-8L option. The devices have an
input operating range of 4.5V to 20V.
Primarily intended for driving power MOSFETs,
MIC4426/7/8 drivers are suitable for driving other loads
(capacitive, resistive, or inductive) which require
low-impedance, high peak current, and fast switching
time. The devices can withstand up to 500mA of
reverse current (either polarity) without latching and up
to 5V noise spikes (either polarity) on ground pins.

Features
• Dual 1.5A-Peak Drivers
• 4.5V to 20V Operating Range
• Exposed Backside Pad Packaging Reduces Heat
- ePAD SOIC-8L (JA = 58°C/W)
- ePAD MSOP-8L (JA = 60°C/W)
- VDFN ML™-8L (JA = 60°C/W)
• Bipolar/CMOS/DMOS Construction
- 25mV maximum output offset from supply or
ground
• Latch-Up Protection to >200mA Reverse Current
• Switches 1000pF in 25ns
• Logic-Input Threshold Independent of Supply
Voltage
• Logic-Input Protection to –5V
• 6pF Typical Equivalent Input Capacitance
• Dual Inverting, Dual Noninverting, and
Complementary Configurations
- -40°C to +125°C operating junction temperature range

Applications
• DC/DC Converters
• Motor Drivers
• Clock Line Driver




Similar Part No. - MIC4126

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4126 MICREL-MIC4126 Datasheet
533Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
logo
MIC GROUP RECTIFIERS
MIC4126 MIC-MIC4126 Datasheet
538Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
logo
Micrel Semiconductor
MIC4126YME MICREL-MIC4126YME Datasheet
533Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
logo
MIC GROUP RECTIFIERS
MIC4126YME MIC-MIC4126YME Datasheet
538Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
logo
Micrel Semiconductor
MIC4126YML MICREL-MIC4126YML Datasheet
533Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
More results


Similar Description - MIC4126

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4426 MICREL-MIC4426 Datasheet
99Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Driver
logo
Texas Instruments
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4126 MICREL-MIC4126 Datasheet
533Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
logo
MIC GROUP RECTIFIERS
MIC4126 MIC-MIC4126_11 Datasheet
538Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
logo
Micrel Semiconductor
MIC4426 MICREL-MIC4426_05 Datasheet
269Kb / 9P
Dual 1.5A-Peak Low-Side MOSFET Driver
logo
Texas Instruments
UCC27324DR TI1-UCC27324DR Datasheet
1Mb / 28P
Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
logo
Microchip Technology
MIC4451 MICROCHIP-MIC4451 Datasheet
2Mb / 24P
12A Peak Low-Side MOSFET Drivers
09/14/21
MIC4423 MICROCHIP-MIC4423 Datasheet
2Mb / 26P
Dual 3A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
MIC4467 MICROCHIP-MIC4467 Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com