Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4126 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC4126
Description  Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4126 Datasheet(HTML) 2 Page - Microchip Technology

  MIC4126 Datasheet HTML 1Page - Microchip Technology MIC4126 Datasheet HTML 2Page - Microchip Technology MIC4126 Datasheet HTML 3Page - Microchip Technology MIC4126 Datasheet HTML 4Page - Microchip Technology MIC4126 Datasheet HTML 5Page - Microchip Technology MIC4126 Datasheet HTML 6Page - Microchip Technology MIC4126 Datasheet HTML 7Page - Microchip Technology MIC4126 Datasheet HTML 8Page - Microchip Technology MIC4126 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
 2019 Microchip Technology Inc.
DS20006084A-page 2
MIC4126/27/28
Functional Block Diagram
The function block diagram contains only four resistors, four capacitors, and 52 transistors. Be sure to ground any
unused inputs.
INA
OUTA
INVERTING
NONINVERTING
0.1mA
0.6mA
2k
INB
OUTB
INVERTING
NONINVERTING
0.1mA
0.6mA
2k
V S
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com