Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4126 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC4126
Description  Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4126 Datasheet(HTML) 3 Page - Microchip Technology

  MIC4126 Datasheet HTML 1Page - Microchip Technology MIC4126 Datasheet HTML 2Page - Microchip Technology MIC4126 Datasheet HTML 3Page - Microchip Technology MIC4126 Datasheet HTML 4Page - Microchip Technology MIC4126 Datasheet HTML 5Page - Microchip Technology MIC4126 Datasheet HTML 6Page - Microchip Technology MIC4126 Datasheet HTML 7Page - Microchip Technology MIC4126 Datasheet HTML 8Page - Microchip Technology MIC4126 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2019 Microchip Technology Inc.
DS20006084A-page 3
MIC4126/27/28
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage ..........................................................................................................................................................+24V
Input Voltage ................................................................................................................................ VS + 0.3V to GND – 5V
ESD Susceptibility................................................................................................................................................ (Note 1)
Operating Ratings ††
Supply Voltage (VS) ................................................................................................................................... +4.5V to +20V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 k
 in series
with 100 pF.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: 4.5V
 VS  20V; TA = +25°C, bold values indicate full specified temperature range;
unless noted. Input voltage slew rate >1V/µs; COUT = 1000pF. Note 1
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Input
Logic 1 Input Voltage
VIH
2.4
1.4
—
V
—
2.4
1.6
—V
—
Logic 0 Input Voltage
VIL
—1.1
0.8
V
—
—
1.3
0.8
V—
Input Current
IIN
–1
—
1
µA
0V
 VIN  VS
Output
High Output Voltage
VOH
VS – 0.025
——
V
—
Low Output Voltage
VOL
——
0.025
V—
Output Resistance
RO
—6
10
IOUT = 10 mA, VS = 20V
—
812
Peak Output Current
IPK
—
1.5
—A
—
Latch-Up Protection
I
>200
—
—
mA
Withstand Reverse Current
Switching Time
Rise Time
tR
—13
30
ns
Test Figure 1-1
—
20
40
Fall Time
tF
—15
25
ns
Test Figure 1-1
—
18
40
Delay Time
tD1
—37
50
ns
Test Figure 1-1
—
43
60
Delay Time
tD2
—40
60
ns
Test Figure 1-1
—
45
70
Note 1: Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com