Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4126 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC4126
Description  Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4126 Datasheet(HTML) 1 Page - Microchip Technology

  MIC4126 Datasheet HTML 1Page - Microchip Technology MIC4126 Datasheet HTML 2Page - Microchip Technology MIC4126 Datasheet HTML 3Page - Microchip Technology MIC4126 Datasheet HTML 4Page - Microchip Technology MIC4126 Datasheet HTML 5Page - Microchip Technology MIC4126 Datasheet HTML 6Page - Microchip Technology MIC4126 Datasheet HTML 7Page - Microchip Technology MIC4126 Datasheet HTML 8Page - Microchip Technology MIC4126 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2019 Microchip Technology Inc.
DS20006084A-page 1
MIC4126/27/28
Features
• Dual 1.5A-Peak Drivers
• 4.5V to 20V Operating Range
• Exposed Backside Pad Packaging Reduces Heat
- ePAD SOIC-8L (
JA = 58°C/W)
- ePAD MSOP-8L (
JA = 60°C/W)
- VDFN ML™-8L (
JA = 60°C/W)
• Bipolar/CMOS/DMOS Construction
- 25mV maximum output offset from supply or
ground
• Latch-Up Protection to >200mA Reverse Current
• Switches 1000pF in 25ns
• Logic-Input Threshold Independent of Supply
Voltage
• Logic-Input Protection to –5V
• 6pF Typical Equivalent Input Capacitance
• Dual Inverting, Dual Noninverting, and
Complementary Configurations
- -40°C to +125°C operating junction tempera-
ture range
General Description
The MIC4126, MIC4127, and MIC4128 family are
highly-reliable dual 1.5A low-side MOSFET drivers
fabricated on Microchip’s BiCMOS/DMOS process.
The devices feature low power consumption and high
efficiency. The MIC4126/27/28 translate TTL or CMOS
input logic levels to output voltage levels that swing
within 25mV of the positive supply or ground whereas
comparable bipolar devices are capable of swinging
only to within 1V of the supply. The MIC4126/7/8 is
available in three configurations: dual inverting, dual
noninverting, and complimentary output.
The MIC4126/27/28 offer pin-compatible as well as
smaller footprint replacements for the MIC4426/27/28
with improved packaging and electrical performance.
The MIC4126/27/28 are available in exposed pad,
EPAD, SOIC-8L and MSOP-8L options as well as a
small-size VDFN ML™-8L option. The devices have an
input operating range of 4.5V to 20V.
Primarily intended for driving power MOSFETs,
MIC4426/7/8 drivers are suitable for driving other loads
(capacitive, resistive, or inductive) which require
low-impedance, high peak current, and fast switching
time. The devices can withstand up to 500mA of
reverse current (either polarity) without latching and up
to 5V noise spikes (either polarity) on ground pins.
Data sheets and support documentation can be found
on Microchip’s website at www.microchip.com.
Applications
• DC/DC Converters
• Motor Drivers
• Clock Line Driver
Package Types
MIC4126
ePad SOIC-8L (ME)
ePad MSOP-8L (MME)
VDFN-8 (ML)
(Top View)
MIC4127
ePad SOIC-8L (ME)
ePad MSOP-8L (MME)
VDFN-8 (ML)
(Top View)
MIC4128
ePad SOIC-8L (ME)
ePad MSOP-8L (MME)
VDFN-8 (ML)
(Top View)
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging


Similar Part No. - MIC4126

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4126 MICREL-MIC4126 Datasheet
533Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
logo
MIC GROUP RECTIFIERS
MIC4126 MIC-MIC4126 Datasheet
538Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
logo
Micrel Semiconductor
MIC4126YME MICREL-MIC4126YME Datasheet
533Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
logo
MIC GROUP RECTIFIERS
MIC4126YME MIC-MIC4126YME Datasheet
538Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
logo
Micrel Semiconductor
MIC4126YML MICREL-MIC4126YML Datasheet
533Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
More results

Similar Description - MIC4126

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4426 MICREL-MIC4426 Datasheet
99Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Driver
logo
Texas Instruments
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4126 MICREL-MIC4126 Datasheet
533Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
logo
MIC GROUP RECTIFIERS
MIC4126 MIC-MIC4126_11 Datasheet
538Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
logo
Micrel Semiconductor
MIC4426 MICREL-MIC4426_05 Datasheet
269Kb / 9P
Dual 1.5A-Peak Low-Side MOSFET Driver
logo
Texas Instruments
UCC27324DR TI1-UCC27324DR Datasheet
1Mb / 28P
Dual 4-A Peak High-Speed Low-Side Power-MOSFET Drivers
logo
Microchip Technology
MIC4451 MICROCHIP-MIC4451 Datasheet
2Mb / 24P
12A Peak Low-Side MOSFET Drivers
09/14/21
MIC4423 MICROCHIP-MIC4423 Datasheet
2Mb / 26P
Dual 3A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
MIC4467 MICROCHIP-MIC4467 Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com