Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4126 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC4126
Description  Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4126 Datasheet(HTML) 4 Page - Microchip Technology

  MIC4126 Datasheet HTML 1Page - Microchip Technology MIC4126 Datasheet HTML 2Page - Microchip Technology MIC4126 Datasheet HTML 3Page - Microchip Technology MIC4126 Datasheet HTML 4Page - Microchip Technology MIC4126 Datasheet HTML 5Page - Microchip Technology MIC4126 Datasheet HTML 6Page - Microchip Technology MIC4126 Datasheet HTML 7Page - Microchip Technology MIC4126 Datasheet HTML 8Page - Microchip Technology MIC4126 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
 2019 Microchip Technology Inc.
DS20006084A-page 4
MIC4126/27/28
Power Supply
Power Supply Current
IS
—1.4
4.5
mA
VINA = VINB 3.0V
—
1.5
8
Power Supply Current
IS
—
0.18
0.4
mA
VINA = VINb 0.0V
—
0.19
0.6
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: 4.5V
 VS  20V; TA = +25°C, bold values indicate full specified temperature range;
unless noted. Input voltage slew rate >1V/µs; COUT = 1000pF. Note 1
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com