Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4126 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC4126
Description  Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4126 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC4126 Datasheet HTML 8Page - Microchip Technology MIC4126 Datasheet HTML 9Page - Microchip Technology MIC4126 Datasheet HTML 10Page - Microchip Technology MIC4126 Datasheet HTML 11Page - Microchip Technology MIC4126 Datasheet HTML 12Page - Microchip Technology MIC4126 Datasheet HTML 13Page - Microchip Technology MIC4126 Datasheet HTML 14Page - Microchip Technology MIC4126 Datasheet HTML 15Page - Microchip Technology MIC4126 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
 2019 Microchip Technology Inc.
DS20006084A-page 12
MIC4126/27/28
8-Lead SOICN ePad Package Outline and Recommended Land Pattern
© 2018 Microchip Technology Incorporated
C
SEATING
PLANE
END VIEW
BOTTOM VIEW
0.10 C
Microchip Technology Drawing C04-1136 Rev A Sheet 1 of 2
8X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
8-Lead Small Outline Integrated Circuit Package (EQA) - 3.90 mm (1.50 In) Body [SOIC]
With 3.10x2.41 mm Exposed Pad
A1
A2
A
D
E
e
B
A
E1
E
2
E1
2
D1
E2
0.10 C
SIDE VIEW
TOP VIEW
0.18 C
2X
0.09 C D
2X
0.09 C A-B
2X
NOTE 1
D
h
h
SEE
DETAIL A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com