Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5060 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC5060
Description  Ultra-Small High-Side MOSFET Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5060 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC5060 Datasheet HTML 16Page - Microchip Technology MIC5060 Datasheet HTML 17Page - Microchip Technology MIC5060 Datasheet HTML 18Page - Microchip Technology MIC5060 Datasheet HTML 19Page - Microchip Technology MIC5060 Datasheet HTML 20Page - Microchip Technology MIC5060 Datasheet HTML 21Page - Microchip Technology MIC5060 Datasheet HTML 22Page - Microchip Technology MIC5060 Datasheet HTML 23Page - Microchip Technology MIC5060 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006615A-page 21
MIC5060
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
PART NO.
X
Package
Device
Device:
MIC5060:
Ultra Small High-Side MOSFET Driver
Temperature:
Y
=
–40°C to +85°C (RoHS Compliant)
Package:
ML =
8-Lead VDFN
Media Type:
TR
= 5,000/Reel
X
Junction
XX
Media Type
Temperature Range
Examples:
a) MIC5060YML-TR:
Ultra Small High-Side MOSFET
Driver, –40°C to +85°C Junction
Temperature Range, 8-Lead
VDFN, 5,000/Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com