Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5060 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC5060
Description  Ultra-Small High-Side MOSFET Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5060 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC5060 Datasheet HTML 9Page - Microchip Technology MIC5060 Datasheet HTML 10Page - Microchip Technology MIC5060 Datasheet HTML 11Page - Microchip Technology MIC5060 Datasheet HTML 12Page - Microchip Technology MIC5060 Datasheet HTML 13Page - Microchip Technology MIC5060 Datasheet HTML 14Page - Microchip Technology MIC5060 Datasheet HTML 15Page - Microchip Technology MIC5060 Datasheet HTML 16Page - Microchip Technology MIC5060 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006615A-page 13
MIC5060
5.4
Relay Driver
Some power relay applications require the use of a
separate switch or drive control, such as in the case of
microprocessor control of banks of relays where a logic
level control signal is used, or for drive of relays with
high power requirements. The combination of an
MIC5060 and a power FET also provides an elegant
solution to power relay drive.
FIGURE 5-4:
Relay Driver.
5.5
Motor Driver with Stall Shutdown
Tachometer feedback can be used to shut down a
motor driver circuit when a stall condition occurs. The
control switch is a 3-way type; the “START” position is
momentary and forces the driver ON. When released,
the switch returns to the “RUN” position, and the
tachometer’s output is used to hold the MIC5060 input
ON. If the motor slows down, the tach output is
reduced, and the MIC5060 switches OFF. Resistor “R”
sets the shutdown threshold.
FIGURE 5-5:
Motor Stall Shutdown.
5.6
Simple DC-DC Converter
The simplest application for the MIC5060 is as a basic
one-chip DC-DC converter.
As the output (Gate) pin has relatively high impedance,
the output voltage shown will vary significantly with
applied load.
FIGURE 5-6:
DC-DC Converter.
5.7
High-Side Driver with Load
Protection
Although the MIC5060 is reverse battery protected, the
load and power FET are not, in a typical high side
configuration. In the event of a reverse battery
condition, the internal body diode of the power FET will
be forward biased. This allows the reversed supply
access to the load.
The addition of a Schottky diode between the supply
and the FET eliminates this problem. The MBR2035CT
was chosen as it can withstand 20A continuous and
150A peak, and should survive the rigors of an
automotive environment. The two diodes are paralleled
to reduce switch loss (forward voltage drop).
FIGURE 5-7:
High-Side Driver with Load
Protection.
MIC5060
Control Input
OFF
ON
1
2
3
4
8
7
6
5
IRF540
12V
NC
Gate
Gnd
Source
Input
V+
NC
NC
10μF
OSRAM
HLX64623
MIC5060
Control Input
OFF
ON
1
2
3
4
8
7
6
5
IRF540
12V
NC
Gate
Gnd
Source
Input
V+
NC
NC
10μF
Guardian Electric
1725-1C-12D
MIC5060
Control Input
OFF
ON
1
2
3
4
8
7
6
5
IRF540
12V
NC
Gate
Gnd
Source
Input
V+
NC
NC
10μF
OSRAM
HLX64623
MIC5060
1
2
3
4
8
7
6
5
NC
Gate
Gnd
Source
Input
V+
NC
NC
10μF
5V
VOUT = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com