Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBAS16HT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBAS16HT1
Description  Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAS16HT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  LBAS16HT1 Datasheet HTML 1Page - Leshan Radio Company LBAS16HT1 Datasheet HTML 2Page - Leshan Radio Company LBAS16HT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
LBAS16HT1–1/3
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
V R
75
Vdc
Peak Forward Current
I F
200
mAdc
Peak Forward Surge Current
I FM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board,*
P D
200
mW
TA = 25°C
Derate above 25°C
1.57
mW/°C
Thermal Resistance Junction to Ambient
R
θJA
635
°C/W
Junction and Storage Temperature
T J , T stg
150
°C
**FR-4 Minimum Pad
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
(V R = 75 Vdc)
(V R = 75 Vdc, T J = 150°C)
(V R = 25 Vdc, T J = 150°C)
I R
1.0
50
30
µAdc
Reverse Breakdown Voltage
(I BR = 100
µAdc)
V (BR)
75
Vdc
Forward Voltage
(I F = 1.0 mAdc)
(I F = 10 mAdc)
(I F = 50 mAdc)
(I F = 150 mAdc)
V F
715
855
1000
1250
mV
Diode Capacitance
(V R = 0, f = 1.0 MHz)
Reverse Recovery Time
(I F = I R = 10 mAdc, R L = 50
Ω)
C D
2.0
pF
Forward Recovery Voltage
(I F = 10 mAdc, t r = 20 ns)
V FR
1.75
Vdc
t rr
6.0
ns
Stored Charge
(I F = 10 mAdc to V R = 5.0 Vdc, R L = 500
Ω)
Q S
—45
pC
FEATURE
Small plastic SMD package.
Continuous reverse voltage: max. 75 V.
High-speed switching in hybrid thick and thin-film circuits.
Pb-Free Package is available.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
LBAS16HT1
A6
3000/Tape&Reel
LBAS16HT1G
A6
(Pb-Free)
3000/Tape&Reel
Switching Diode
1
2
LBAS16HT1
SOD -323
2
ANODE
1
CATHODE


Similar Part No. - LBAS16HT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAS16HT1G LRC-LBAS16HT1G_15 Datasheet
59Kb / 3P
Switching Diode
More results

Similar Description - LBAS16HT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com