Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5302ACPZ-1-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5302ACPZ-1-R7
Description  50 mA/500 mA, Ultralow Power Step-Down Regulator with Battery Voltage Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5302ACPZ-1-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5302ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5302ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5302ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5302ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5302ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5302ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5302ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5302ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5302ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Data Sheet
ADP5302
Rev. B | Page 15 of 22
All individual VID settings are available as internally fixed options.
Contact your local Analog Devices, Inc., sales or distribution
representative for more information on generating new models.
UNDERVOLTAGE LOCKOUT (UVLO)
The UVLO circuitry monitors the input voltage level on the
PVIN pin. If the input voltage falls below 2.00 V (typical), the
regulator turns off. After the input voltage rises above 2.06 V
(typical), the soft start period initiates, and the regulator is
enabled when the EN pin is high.
ENABLE/DISABLE
The ADP5302 includes a separate enable pin. A logic high in the
enable pin starts the regulator. Due to the low quiescent current
design, it is typical for the regulator to start switching after a delay
of few milliseconds from the enable pin (EN) being pulled high.
A logic low on the enable pin immediately disables the regulator
and brings the regulator into an extremely low current consump-
tion state.
CURRENT LIMIT
The buck regulators in the ADP5302 have protection circuitry
that limits the direction and the amount of current to a certain
level that flows through the high-side MOSFET and the low-
side MOSFET in cycle by cycle mode. The positive current limit
on the high-side MOSFET limits the amount of current that can
flow from the input to the output. The negative current limit on
the low-side MOSFET prevents the inductor current from
reversing direction and flowing out of the load.
SHORT-CIRCUIT PROTECTION
The buck regulators in ADP5302 includes frequency foldback to
prevent current runaway on a hard short. When the output voltage
at the feedback pin falls below 0.3 V (typical), indicating the
possibility of a hard short at the output, the switching frequency
in PWM mode is reduced to one-fourth of the internal oscillator
frequency. The reduction in the switching frequency allows more
time for the inductor to discharge, preventing a runaway of
output current.
SOFT START
The ADP5302 has an internal soft start function that ramps up
the output voltage in a controlled manner upon startup, thereby
limiting the inrush current. This control prevents possible input
voltage drops when a battery or a high impedance power source
is connected to the input of the device. The typical default soft
start time for the regulator is 350 μs.
A different soft start time (2800 μs) can be programmed for the
ADP5302 via the factory fuse.
STARTUP WITH PRECHARGED OUTPUT
The buck regulators in the ADP5302 include a precharged start-up
feature to protect the low-side MOSFET from damage during
startup. If the output voltage is precharged before the regulator
turns on, the regulator prevents reverse inductor current—
which discharges the output capacitor—until the internal soft
start reference voltage exceeds the precharged voltage on the
feedback pin.
100% DUTY OPERATION
When the input voltage approaches the output voltage, the
ADP5302 stops switching and enters 100% duty cycle operation.
The device connects the output via the inductor and the internal
high-side power switch to the input. When the input voltage is
charged again and the required duty cycle falls to 95% (typical), the
buck regulator immediately restarts switching and regulation
without allowing overshoot on the output voltage. In hysteresis
mode, the ADP5302 draws an ultralow quiescent current of only
640 nA (typical) during 100% duty cycle operation.
ACTIVE DISCHARGE
The regulator in the ADP5302 integrates an optional, factory
programmable discharge switch from the switching node to
ground. This switch turns on when its associated regulator is
disabled, which helps discharge the output capacitor quickly.
The typical value of the discharge switch is 290 Ω for the
regulator.
By default, the discharge function is not enabled. The active
discharge function can be enabled by the factory fuse.
VINOK FUNCTION
The ADP5302 includes an open-drain VINOK output that
indicates the battery voltage status. The VINOK output becomes
active high when the input voltage on the PVIN pin is above
the reference threshold. When the input voltage falls below the
reference threshold, the VINOK pin goes low. Note that a relatively
typical long validation time 130 μs exists for the status of the
VINOK output to change due to the ultralow power comparator
design.
Different VINOK thresholds can be factory programmable
from 2.05 V to 5.15 V in 50 mV steps. To order a device with
options other than the default options, contact your local
Analog Devices sales or distribution representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com