Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5302ACPZ-1-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5302ACPZ-1-R7
Description  50 mA/500 mA, Ultralow Power Step-Down Regulator with Battery Voltage Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5302ACPZ-1-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5302ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5302ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5302ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5302ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5302ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5302ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5302ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5302ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5302ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
ADP5302
Data Sheet
Rev. B | Page 16 of 22
STOP SWITCHING
The ADP5302 includes the STOP input pin, allowing the user to
temporarily stop the regulator switching in hysteresis mode.
When a logic high level is applied to the STOP pin, the buck
regulator is forced to stop the switching immediately. When a
logic low level is applied to the STOP pin, the buck regulator
resumes the switching. Note that a delay time in tens of nano-
seconds exists from when the STOP signal goes high to when
the signal fully stops switching.
In some battery-powered systems, the microcontroller unit (MCU)
commands the regulator to stop switching via the STOP signal.
Then, the regulator relies on the output capacitor to supply the
load. In this period, a quiet system environment can be achieved to
benefit noise sensitive circuitry, such as data conversion, RF data
transmission, and analog sensors. After the noise sensitive circuitry
completes its task, the MCU controls the regulator as it resumes
the switching regulation mode.
Figure 40 shows the STOP switching functionality in ADP5302.
The STOP signal control is valid only when the regulator is
enabled with the EN pin pulled high. Otherwise, the STOP
signal is ignored if the EN pin is logic low.
DC TO DC OUTPUT
OUTPUT LOAD
DC TO DC SWITCHING
STOP SIGNAL
2µA
2.50V
2.54V
10ms OF mA
Figure 40. STOP Switching Operation Status
THERMAL SHUTDOWN
If the ADP5302 junction temperature exceeds 142°C, the thermal
shutdown circuit turns off the IC except for the internal linear
regulator. Extreme junction temperatures may be the result of
high current operation, poor circuit board design, or high ambient
temperature. A 15°C hysteresis is included so that the ADP5302
does not return to operation after thermal shutdown until the
junction temperature falls below 127°C. When the device exits
thermal shutdown, a soft start is initiated for each enabled channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com