Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSD2004SLT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LSD2004SLT1
Description  Dual In-Series Small-Signal Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LSD2004SLT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  LSD2004SLT1 Datasheet HTML 1Page - Leshan Radio Company LSD2004SLT1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LSD2004SLT1
Electrical Characteristics
TJ = 25°C unless otherwise noted
Symbol
Test Condition
Min
Typ
Max
Unit
VBR
IR = 100µA
300
▬▬
V
VR = 240V
▬▬
100
nA
VR = 240V, Tj = 150°C
▬▬
100
µA
IF = 20mA
▬
0.87
V
IF = 100mA
▬▬
1
VF=VR=0
f=1MHz
IF=IA=30mA
Irr=30mA,RL=100Ω
SOT-23
NOTES:
1.DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M,1982
2.CONTROLLING DIMENSION:INCH
LSD2004SLT1─2/2
5pF
50
ns
trr
▬
▬
▬
▬
Reverse Recovery Time
Reverse Breakdown Voltage
Leakage Current
Forward Voltage
Capacitance
Parameter
IR
VF
Ctot



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com