Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSD2004SLT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LSD2004SLT1
Description  Dual In-Series Small-Signal Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LSD2004SLT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  LSD2004SLT1 Datasheet HTML 1Page - Leshan Radio Company LSD2004SLT1 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
●
●
Fast switching dual in-series diode,
Maximum Ratings and Thermal Characteristics
TA = 25°C unless otherwise noted
Symbol
Value
Unit
VR
240
V
VRRM
300
V
IRRM
200
mA
IF
225
mA
IRFM
625
mA
IFSM
4
A
1
Ptot
350
mW
RΘJA
357
°C/W
Tj
150
°C
TS
–65 to +150
°C
LSD2004SLT1
LSD2004SLT1─1/2
Power Dissipation
Typical Thermal Resistance Junction to Ambiant Air
Junction Temperature
Storage Temperature Range
Peak Repetitive Forward Current
Non-Repetitive Peak Forward Current
at tp = 1µs
at tp = 1s
Continuous Reverse Voltage
Peak Repetitive Reverse Voltage
Peak Repetitive Reverse Current
Forward Current (continuous)
Top View
voltage capability
Driver Marking
LSD2004SLT1 =DB6
Parameter
Dual In-Series Small-Signal
Switching Diode
Silicon Epitaxial Planar Diode
especially suited for applications requiring high


Similar Part No. - LSD2004SLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
Small-Signal Switching Diode
More results

Similar Description - LSD2004SLT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSD2004S VISHAY-GSD2004S Datasheet
63Kb / 4P
Dual In-Series Small-Signal High-Voltage Switching Diode
08-Jul-04
GSD2004S-V VISHAY-GSD2004S-V_12 Datasheet
77Kb / 4P
Dual In-Series Small-Signal High-Voltage Switching Diode
12-Aug-10
BAV99-G VISHAY-BAV99-G Datasheet
97Kb / 4P
Small Signal Switching Diode, Dual in Series
16-May-13
GSD2004S-G VISHAY-GSD2004S-G Datasheet
85Kb / 4P
Dual In-Series Small Signal High Voltage Switching Diode
16-May-13
BAV99 VISHAY-BAV99_18 Datasheet
102Kb / 4P
Small Signal Switching Diode, Dual in Series
13-Feb-18
BAV99G VISHAY-BAV99G Datasheet
105Kb / 4P
Small Signal Switching Diode, Dual in Series
13-Feb-18
BAV99-G VISHAY-BAV99-G_V01 Datasheet
106Kb / 4P
Small Signal Switching Diode, Dual in Series
13-Feb-18
BAV99 VISHAY-BAV99_V01 Datasheet
548Kb / 4P
Small Signal Switching Diode, Dual in Series
13-Feb-18
GSD2004S-G VISHAY-GSD2004S-G_V01 Datasheet
95Kb / 4P
Dual In-Series Small Signal High Voltage Switching Diode
13-Feb-18
GSD2004S VISHAY-GSD2004S_V01 Datasheet
93Kb / 4P
Dual In-Series Small Signal High Voltage Switching Diode
13-Feb-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com