Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBAT54HT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LBAT54HT1
Description  Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAT54HT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  LBAT54HT1 Datasheet HTML 1Page - Leshan Radio Company LBAT54HT1 Datasheet HTML 2Page - Leshan Radio Company LBAT54HT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
K
A
D
1
2
B
C
E
0.63
0.02''
0.83
0.033''
1.60
0.063"
2.85
0.112''
mm
inches
H
J
SOD-323
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
MIN
MAX
MIN
MAX
1.60
1.80
0.063
0.071
1.15
1.35
0.045
0.053
0.80
1.00
0.031
0.039
0.25
0.40
0.010
0.016
0.15 REF
0.006 REF
0.00
0.10
0.000
0.004
0.089
0.177
0.0035
0.0070
2.30
2.70
0.091
0.106
MILLIMETERS
DIM
A
B
C
D
E
H
J
K
INCHES
LBAT54HT1
PIN:1:CATHODE
2:ANODE
LBAT54HT1-3/3
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com