Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBAT54HT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBAT54HT1
Description  Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAT54HT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  LBAT54HT1 Datasheet HTML 1Page - Leshan Radio Company LBAT54HT1 Datasheet HTML 2Page - Leshan Radio Company LBAT54HT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
LBAT54HT1–1/3
Schottky Barrier Diodes
2
ANODE
1
CATHODE
MAXIMUM RATINGS (TJ =125°C unless otherwise noted )
Rating
Symbol
Value
Unit
Reverse Voltage
V R
30
V
THERMALCHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board,*
PD
200
mW
TA = 25°C
Derate above 25°C
1.57
mW/°C
Thermal Resistance Junction to Ambient
R
θJA
635
°C/W
Junction and Storage Temperature
TJ ,Tstg
150
°C
* FR-4 Minimum Pad
1
2
LBAT54HT1
These Schottky barrier diodes are designed for high speed switching
applications, circuit protection, and voltage clamping. Extremely low forward volt-
age reduces conduction loss. Miniature surface mount package is excellent for
hand held and portable applications where space is limited.
• Extremely Fast Switching Speed
• Low Forward Voltage — 0.35 Volts (Typ) @ I F = 10 mAdc
• Device Marking: JV
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (I R = 10
µA)
V(BR)R
30
—
—
Volts
Total Capacitance (V R = 1.0 V, f = 1.0 MHz)
CT
—7.6
10
pF
Reverse Leakage (V R = 25 V)
IR
—0.5
2.0
µAdc
Forward Voltage (I F = 0.1 mAdc)
V F
—
0.22
0.24
Vdc
Forward Voltage (I F = 0.15 mAdc)
V F
—
0.24
0.26
Vdc
Forward Voltage (I F = 0.15 mAdc, Tj =-25°C)
V F
—
0.33
0.35
Vdc
Forward Voltage (I F = 0.15 mAdc, Tj =85°C)
V F
—
0.16
0.18
Vdc
Forward Voltage (I F = 30 mAdc)
V F
—
0.41
0.5
Vdc
Forward Voltage (I F = 100 mAdc)
V F
—
0.52
1.0
Vdc
Reverse Recovery Time
(I F = I R = 10 mAdc, I R(REC) = 1.0 mAdc, Figure 1)
trr
——
5.0
ns
Forward Voltage (I F = 1.0 mAdc)
V F
—
0.29
0.32
Vdc
Forward Voltage (I F = 10 mAdc)
V F
—
0.35
0.40
Vdc
Forward Current (DC)
IF
—
—
200
mAdc
Repetitive Peak Forward Current
IFRM
—
—
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
—
—
600
mAdc
SOD-323
Pb-Free Package May be Available. The G.Suffix Denotes a Pb-Free
Lead Finish
Device
Package
Shipping
LBAT54HT1
SOD-323
3000/Tape & Reel
LBAT54HT1
G
SOD-323
3000/Tape & Reel
O
DERING INFORMATION


Similar Part No. - LBAT54HT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT54HT1G LRC-LBAT54HT1G Datasheet
119Kb / 3P
Schottky Barrier Diodes Device Marking: JV
LBAT54HT1G LRC-LBAT54HT1G_11 Datasheet
119Kb / 3P
Schottky Barrier Diodes Device Marking: JV
LBAT54HT1G LRC-LBAT54HT1G_15 Datasheet
261Kb / 3P
Schottky Barrier Diodes
More results

Similar Description - LBAT54HT1

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com